Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PEX8533 Fiches technique(PDF) 3 Page - PLX Technology

No de pièce PEX8533
Description  Flexible & Versatile PCI Express??Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PLX [PLX Technology]
Site Internet  http://www.plxtech.com
Logo PLX - PLX Technology

PEX8533 Fiches technique(HTML) 3 Page - PLX Technology

  PEX8533 Datasheet HTML 1Page - PLX Technology PEX8533 Datasheet HTML 2Page - PLX Technology PEX8533 Datasheet HTML 3Page - PLX Technology PEX8533 Datasheet HTML 4Page - PLX Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PLX Confidential
Figure 2 shows a typical server-based design, where the
Root Complex provides a PCI Express link that needs to
be expanded into a larger number of smaller ports for a
variety of I/O functions, each with different bandwidth
requirements.
In this example, the ExpressLane PEX 8533 would
typically have an 8-lane upstream port, and as many as 5
downstream ports. The downstream ports can be of
differing widths if required.
Peer-to-Peer & Backplane Usage
The PEX 8533 is also suitable for peer-to-peer
applications such as switch fabrics and backplanes.
Figure 3 represents a backplane where the device
provides peer-to-peer data exchange for a large number
of line cards where the CPU/Host plays the management
role.
Figure 3. Peer-to-Peer/Backplane Usage
Graphics Fan-out Switch
High resolution 3D graphics applications can take full
advantage of the PEX 8533 three port configuration.
Applications such as dual graphics, high resolution
scientific use, and image processing can benefit from
the performance of the PEX 8533 switch. Figure 4
illustrates use of the device in a dual graphics
application while supporting PCI port expansion through
another PLX PCIe switch. The upstream x16 port links
to the Root Complex and the two downstream ports
connect to the Graphics modules. The peer-to-peer
support of the PEX 8533 allows the two GPU modules
to communicate with each other for maximum
performance. Figure 4 also illustrates use of PCIe
bridges to connect to PCI and PCI-X busses.
Figure 4. Dual Graphics
Redundant Switch Fabric
The PEX 8533 can be used in redundant switch fabrics
for high availability applications. In the example shown
in Figure 5, the PEX 8533 is used in conjunction with
the PEX 8518 switch that offers non-transparent
bridging (NTB). The PEX 8533 provides high
performance non-blocking switching while the PEX
8518s keep the two fabrics and hosts isolated.
Figure 5. Blade Server
The number of ports and port widths can be configured
as needed. This example assumes a x8 link to each CPU
blade and a x8 link to each I/O blade.



Html Pages

1 2 3 4