Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2N1711 Fiches technique(PDF) 3 Page - STMicroelectronics

No de pièce 2N1711
Description  EPITAXIAL PLANAR NPN
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

2N1711 Fiches technique(HTML) 3 Page - STMicroelectronics

  2N1711 Datasheet HTML 1Page - STMicroelectronics 2N1711 Datasheet HTML 2Page - STMicroelectronics 2N1711 Datasheet HTML 3Page - STMicroelectronics 2N1711 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
12.7
0.500
B0.49
0.019
D6.6
0.260
E8.5
0.334
F9.4
0.370
G
5.08
0.200
H1.2
0.047
I0.9
0.035
L45
o (typ.)
L
G
I
D
A
H
P008B
TO-39 MECHANICAL DATA
2N1711
3/4



Html Pages

1 2 3 4