| Moteur de recherche de fiches techniques de composants électroniques |
|
PCAL9722 Fiches technique(PDF) 43 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCAL9722 Fiches technique(HTML) 43 Page - NXP Semiconductors |
|
43 / 63 page ![]() NXP Semiconductors PCAL9722 Ultra low-voltage translating 22-bit SPI I/O expander with Agile I/O features, interrupt output and reset aaa-018127 0 0.1 0.2 0.4 0.5 0.6 0 7 14 21 28 35 VOL (V) IIsink sink Isink (mA) (mA) (mA) T-40 T-40 T-40 T25 T25 T25 T85 T85 T85 a. VDD(P) = 1.65 V aaa-018193 0 0.05 0.1 0.15 0.2 0.25 0.3 0 7 14 21 28 35 VOL (V) IIsink sink Isink (mA) (mA) (mA) T-40 T-40 T-40 T25 T25 T25 T85 T85 T85 b. VDD(P) = 1.8 V aaa-018194 0 0.05 0.1 0.15 0.2 0.25 0.3 0 7 14 21 28 35 VOL (V) IIsink sink Isink (mA) (mA) (mA) T-40 T-40 T-40 T25 T25 T25 T85 T85 T85 c. VDD(P) = 2.5 V aaa-018195 0 0.05 0.1 0.15 0.2 0.25 0.3 0 8 16 24 32 40 VOL (V) IIsink sink Isink (mA) (mA) (mA) T-40 T-40 T-40 T25 T25 T25 T85 T85 T85 d. VDD(P) = 3.3 V aaa-018196 0 0.05 0.1 0.15 0.2 0.25 0.3 0 14 28 42 56 70 VOL (V) IIsink sink Isink (mA) (mA) (mA) T-40 T-40 T-40 T25 T25 T25 T85 T85 T85 e. VDD(P) = 5 V aaa-018230 0 0.05 0.1 0.15 0.2 0.25 0.3 0 20 40 60 80 VOL (V) IIsink sink Isink (mA) (mA) (mA) T-40 T-40 T-40 T25 T25 T25 T85 T85 T85 f. VDD(P) = 5.5 V Figure 24. I/O sink current vs LOW-level output voltage PCAL9722 All information provided in this document is subject to legal disclaimers. © 2023 NXP B.V. All rights reserved. Product data sheet Rev. 1.1 — 1 May 2023 43 / 63 |