Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PCAL9722 Fiches technique(PDF) 2 Page - NXP Semiconductors

No de pièce PCAL9722
Description  Ultra low-voltage translating 22-bit SPI I/O expander with Agile I/O features, interrupt output and reset
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCAL9722 Fiches technique(HTML) 2 Page - NXP Semiconductors

  PCAL9722 Datasheet HTML 1Page - NXP Semiconductors PCAL9722 Datasheet HTML 2Page - NXP Semiconductors PCAL9722 Datasheet HTML 3Page - NXP Semiconductors PCAL9722 Datasheet HTML 4Page - NXP Semiconductors PCAL9722 Datasheet HTML 5Page - NXP Semiconductors PCAL9722 Datasheet HTML 6Page - NXP Semiconductors PCAL9722 Datasheet HTML 7Page - NXP Semiconductors PCAL9722 Datasheet HTML 8Page - NXP Semiconductors PCAL9722 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 63 page
background image
NXP Semiconductors
PCAL9722
Ultra low-voltage translating 22-bit SPI I/O expander with Agile I/O features, interrupt output and
reset
input pin state and keeps the logic values that created the interrupt until the master can service the interrupt.
This minimizes the host’s interrupt service response for fast moving inputs.
The device Port P outputs have 25 mA sink capabilities for directly driving LEDs while consuming low device
current.
One hardware pin (ADDR) can be used to program and vary the fixed SPI address and allow up to two devices
to share the same SPI bus.
PCAL9722
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.1 — 1 May 2023
2 / 63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63