| Moteur de recherche de fiches techniques de composants électroniques |
|
P2000SAL Fiches technique(PDF) 7 Page - Littelfuse |
|
|
|||||||||||||||||||||||||||||
P2000SAL Fiches technique(HTML) 7 Page - Littelfuse |
|
7 / 52 page ![]() *DV3ODVPD $UUHVWHUV³3DFNDJH 'LPHQVLRQV6SHFLILFDWLRQV Telecom Design Guide • © 2006 Littelfuse, Inc. 9 - 7 www.littelfuse.com SL1411A Series The SL1411A series device weighs 2.7 grams (0.095 ounces). Body material is ceramic. The electrode base is made of nickel iron alloy, and the electrode plating material is bright Sn. Each device is marked with an LF logo, voltage, and date code. 0.3 15 ±0.012 (8.0 ±0. 2) 0. 236 ±0.012 (6.0 ±0.3) Pad Outline Dimensions are in inches (and millimeters). Recommended pad layout for SM 0. 276 (7.0) 0. 213 (5.4) 0.05 1 ( 1.3) 0.3 15 ±0.012 (8.0 ±0. 2) 0. 236 ±0.008 (6.0 ±0. 2) 2.36 ±0.016 (60.0 ±0.4) |