| Moteur de recherche de fiches techniques de composants électroniques |
|
P2000SAL Fiches technique(PDF) 39 Page - Littelfuse |
|
|
|||||||||||||||||||||||||||||
P2000SAL Fiches technique(HTML) 39 Page - Littelfuse |
|
39 / 52 page ![]() 3DFNLQJ2SWLRQV Telecom Design Guide • © 2006 Littelfuse, Inc. 9 - 39 www.littelfuse.com DO-214AA Tape and reel packing options meet all specifications as set forth in EIA-481-1. Standard reel pack quantity is 2500. Bulk pack quantity is 1000. The following illustration shows the DO-214AA component orientation for P0641S, P0721S, P0901S, P1101S, P1301S, P1701S: The following illustration shows the modified DO-214 tape and reel: 3-lead 0.47 2 ( 12.0) 0.36 (9. 2) 0.3 15 (8.0) 0. 157 (4.0) 0.49 ( 12.4) 0.5 12 (13.0) Arbor Hole Dia. 12.99 (330.0) Dimensions are in inches (and millimeters). Direction of Feed 0.059 DIA ( 1.5) Cover tape Cathode 0.472 (12.0) 0.360 (9.2) 0.315 (8.0) 0.157 (4.0) Pin 2 Anode Cathode Pin 1 Gate Pin 3 Dimensions are in inches (and millimeters). |