Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STE2004SDIE2 Fiches technique(PDF) 46 Page - STMicroelectronics

No de pièce STE2004SDIE2
Description  102 x 65 single-chip LCD controller/driver
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE2004SDIE2 Fiches technique(HTML) 46 Page - STMicroelectronics

Back Button STE2004SDIE2 Datasheet HTML 42Page - STMicroelectronics STE2004SDIE2 Datasheet HTML 43Page - STMicroelectronics STE2004SDIE2 Datasheet HTML 44Page - STMicroelectronics STE2004SDIE2 Datasheet HTML 45Page - STMicroelectronics STE2004SDIE2 Datasheet HTML 46Page - STMicroelectronics STE2004SDIE2 Datasheet HTML 47Page - STMicroelectronics STE2004SDIE2 Datasheet HTML 48Page - STMicroelectronics STE2004SDIE2 Datasheet HTML 49Page - STMicroelectronics STE2004SDIE2 Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 79 page
background image
Instruction set
STE2004S
46/79
H=[0;1]
Checker board
000
0000
001
Starts checker board
procedure
000
0000
01
V
Vertical addressing
mode
TC select
000
0000
1
TC1
TC0
Set temperature
coefficient for VLDC
Data order
000
0001
DO
00
MSB position
Bias ratios
000
0010
BS2
BS1
BS0
Set desired bias ratios
Read mode,
000
100
R
000
Set VOP
0
0
1
OP6
OP5
OP4
OP3
OP2
OP1
OP0
VOP register write
instruction
H=[1;0]
Driver control
000
0000
001
Software reset
Display control
000
0000
01
PE
Partial enable
000
0000
1
FR1
FR0
Frame rate control
000
0001
0
M[1]
M[0]
MUX ratio
Partial mode
000
0010
PDC2 PDC1 PDC0 Partial display config
000
1
PDY5 PDY4 PDY3 PDY2 PDY1 PDY0
1st Sector start
address
001
PDY6 PDY5 PDY4 PDY3 PDY2 PDY1 PDY0
2nd Sector start
address
H=[1;1]
000
0000
001
Scrolling pointer reset
000
0000
01
X
Not used
000
0000
1
X
X
Not used
000
0001
T2
T1
T0
Set temperature
coefficient for VLDC
000
001
NW3 NW2 NW1
NW0 N-Line inversion
0
0
0
1
0
0
YC-3 YC-2 YC-1 YC-0 Y carriage return
0
0
1
XC-6 XC-5 XC-4 XC-3 XC-2 XC-1 XC-0 X carriage return
Table 9. Extended instruction set
Instruction
D/C
R/W
B7
B6
B5
B4
B3
B2
B1
B0
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79