| Moteur de recherche de fiches techniques de composants électroniques |
|
STE2004SDIE2 Fiches technique(PDF) 39 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STE2004SDIE2 Fiches technique(HTML) 39 Page - STMicroelectronics |
|
39 / 79 page ![]() STE2004S Bus interfaces 39/79 It is possible to short circuit SDOUT and SDIN, and read the I2C address or status byte without any additional line. Figure 41. 3-lines serial bus protocol - one byte transmission Figure 42. 3-lines serial bus protocol - several byte transmission Figure 43. 3-lines serial interface protocol in Reading Mode MSB SD/C CS SDIN SCLK LR0073 LSB DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0 DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0 D/C CS SDIN SCLK LR0074 D/C DB7 DB6 D/C DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0 CS SDIN SCLK High-Z DB1 DB0 High-Z Don't Care Don't Care Don't Care Don't Care Don't Care Don't Care Don't Care Command Write DATA Read DB7 DB6 DB5 DB4 DB3 DB2 SD/C SDOUT High-Z DB1 DB0 High-Z DB7 DB6 DB5 DB4 DB3 DB2 ID-Number STATUS BYTE Don't Care LR0075 DB7 SD/C |