| Moteur de recherche de fiches techniques de composants électroniques |
|
STMPE2401TBR Fiches technique(PDF) 25 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STMPE2401TBR Fiches technique(HTML) 25 Page - STMicroelectronics |
|
25 / 55 page ![]() STMPE2401 Interrupt system 25/55 9.5 Interrupt enable GPIO mask register (IEGPIOR) IEGPIOR register is used to enable the interruption from a particular GPIO interrupt source to the host. The IEG[15:0] bits are the interrupt enable mask bits correspond to the GPIO[15:0] pins. IEGPIOR_msb Bit 232221 2019181716 IEG 23 IEG 22 IEG 21 IEG 20 IEG 19 IEG 18 IEG 17 IEG 16 R/W RW RW RWRWRW RWRWRW Reset Value 0 000 00 00 IEGPIOR _lsb Bit 15 14 13 12 11 10 987 654 32 10 IEG 15 IEG 14 IEG 13 IEG 12 IEG 11 IEG 10 IEG 9 IEG 8 IEG 7 IEG 6 IEG 5 IEG 4 IEG 3 IEG 2 IEG 1 IEG 0 R/W RW RW RW RW RW RW RWRW RW RW RWRWRW RWRWRW Reset Value 0 0 0 0 0 0 000 000 00 00 Table 24. GPIO Bits Name Description 23:0 IEG[x] Interrupt Enable GPIO Mask (where x = 23 to 0) Writing a ‘1’ to the IE[x] bit will enable the interruption to the host. |