Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STMPE2401TBR Fiches technique(PDF) 52 Page - STMicroelectronics

No de pièce STMPE2401TBR
Description  24-bit Enhanced port expander with Keypad and PWM controller Xpander logic
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE2401TBR Fiches technique(HTML) 52 Page - STMicroelectronics

Back Button STMPE2401TBR Datasheet HTML 47Page - STMicroelectronics STMPE2401TBR Datasheet HTML 48Page - STMicroelectronics STMPE2401TBR Datasheet HTML 49Page - STMicroelectronics STMPE2401TBR Datasheet HTML 50Page - STMicroelectronics STMPE2401TBR Datasheet HTML 51Page - STMicroelectronics STMPE2401TBR Datasheet HTML 52Page - STMicroelectronics STMPE2401TBR Datasheet HTML 53Page - STMicroelectronics STMPE2401TBR Datasheet HTML 54Page - STMicroelectronics STMPE2401TBR Datasheet HTML 55Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 52 / 55 page
background image
Mechanical data
STMPE2401
52/55
Figure 12. Package dimensions
Table 48. TFBGA Mechanical data
Dim.
mm.
inch
Min
Typ
Max
Min
Typ
Max
A
1.1
1
1.16
0.043
0.039
0.046
A1
0.25
0.010
A2
0.78
0.86
0.031
0.034
b
0.30
0.25
0.35
0.012
0.010
0.014
D
3.60
3.50
3.70
0.142
0.138
0.146
D1
3.50
0.138
E
3.50
3.60
3.70
0.142
0.138
0.146
E1
2.50
0.098
e
0.50
0.020
F
0.55
0.022



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55