Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MTH253 Fiches technique(PDF) 1 Page - DFI Inc

No de pièce MTH253
Description  Intel® CoreTM Ultra Processor 4" SBC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DFI [DFI Inc]
Site Internet  https://www.dfi.com/
Logo DFI - DFI Inc

MTH253 Fiches technique(HTML) 1 Page - DFI Inc

  MTH253 Datasheet HTML 1Page - DFI Inc MTH253 Datasheet HTML 2Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
KEY FEATURES
LPDDR5
4K High
Resolution
Triple
Displays
Multiple
Expansion
Rich I/O
LPDDR5 6400 MHz
memory down
Supports 4K/2K
resolution
1 HDMI, 1 LVDS,
1 USB-C DP Alt. mode
1 M.2 M Key,
1 M.2 B Key,
1 M.2 E Key
2 2.5GbE, 1 GbE,
4 USB 3.2, 1 USB-C,
5 COM, 1 COM/DIO
Intel® CoreTM Ultra Processor
4" SBC
MTH253
Top View
Bottom View
2.5G LAN
USB 3.2
USB 3.2
USB 2.0
HDMI
USB Type C
DC-in
uSD Slot
Front Panel
System Fan
SPI
LVDS
M.2 2230 E Key
M.2 2280 M key
USB 2.0
eMMC
eSPI
LAN
M.2 3052 B Key
SATA 3.0
SATA Power
Nano SIM Slot
COM 1
(RS232/422/485)
COM 4
(RS232/422/485)
or
8-bit DIO
COM 2/3
(RS232)
LPDDR5
Intel® CoreTM Ultra Processor
Reset Button
Power Button


Numéro de pièce similaire - MTH253

FabricantNo de pièceFiches techniqueDescription
logo
Inchange Semiconductor ...
MTH25N08 ISC-MTH25N08 Datasheet
292Kb / 2P
isc N-Channel MOSFET Transistor
2023-8-17
MTH25N10 ISC-MTH25N10 Datasheet
292Kb / 2P
isc N-Channel MOSFET Transistor
2023-8-17
logo
New Jersey Semi-Conduct...
MTH25P05 NJSEMI-MTH25P05 Datasheet
141Kb / 2P
Power Field Effect Transistor
logo
Inchange Semiconductor ...
MTH25P05 ISC-MTH25P05 Datasheet
293Kb / 2P
isc P-Channel MOSFET Transistor
2023-8-17
logo
New Jersey Semi-Conduct...
MTH25P06 NJSEMI-MTH25P06 Datasheet
141Kb / 2P
Power Field Effect Transistor
More results

Description similaire - MTH253

FabricantNo de pièceFiches techniqueDescription
logo
DFI Inc
AL253 DFI-AL253 Datasheet
943Kb / 2P
Intel Atom Processor E3900 Series 4 SBC
KH960-CM238 DFI-KH960-CM238 Datasheet
890Kb / 2P
Intel Xeon/7th Gen Intel CoreTM Processor COM Express Basic
SU251 DFI-SU251 Datasheet
992Kb / 2P
6th Gen Intel CoreTM 4"||" "1251089
6th Gen Intel Core 4"||" "1251090
SU256-SCM DFI-SU256-SCM Datasheet
768Kb / 2P
6th Gen Intel® CoreTM 4"
July 27, 2020
WL9A3 DFI-WL9A3 Datasheet
728Kb / 2P
8th Gen Intel CoreTM Processor COM Express Mini
WM343-SD330 DFI-WM343-SD330 Datasheet
648Kb / 2P
6th Gen Intel CoreTM Processor Desktop Box PC
WM343-SD331 DFI-WM343-SD331 Datasheet
648Kb / 4P
6th Gen Intel CoreTM Processor Desktop Box PC
logo
Advantech Co., Ltd.
MIO-2363 ADVANTECH-MIO-2363 Datasheet
5Mb / 6P
Intel® Atom® x6000 Series Processor (Code Name: Elkhart Lake) Pico-ITX SBC
7-Sep-2022
MIO-5377 ADVANTECH-MIO-5377 Datasheet
998Kb / 2P
12th Gen. Intel® CoreTM i7/ i5/ i3 P-series 3.5" SBC
13-Jul-2022
logo
BCM Advanced Research.
ECM-APL BCM-ECM-APL Datasheet
594Kb / 2P
Intel® Pentium®/Celeron®/Atom® SoC Processor 3.5” Micro Module SBC
2021/02/23
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com