Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MTH253 Fiches technique(PDF) 2 Page - DFI Inc

No de pièce MTH253
Description  Intel® CoreTM Ultra Processor 4" SBC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DFI [DFI Inc]
Site Internet  https://www.dfi.com/
Logo DFI - DFI Inc

MTH253 Fiches technique(HTML) 2 Page - DFI Inc

  MTH253 Datasheet HTML 1Page - DFI Inc MTH253 Datasheet HTML 2Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.dfi.com
PACKING LIST
OPTIONAL ITEMS
ORDERING INFORMATION
Model Name
P/N
Processor
Memory Display
RJ45
Serial
USB 3.2 Power
Temp.
MTH253-BN-32U7165H TBD
Intel® Core™ Ultra 7 165H,
16 cores, 28W
32GB
HDMI + LVDS + USB-C DP
3
6
4
9~36 VDC
-5~65
°C
MTH253-BN-16U5125U TBD
Intel® Core™ Ultra 5 125U,
12 cores, 15W
16GB
HDMI + LVDS + USB-C DP
3
6
4
9~36 VDC
-5~65
°C
• 1 MTH253 board
• 1 Heatsink for 15W CPU or 1 Cooler for 28W CPU
TBD
• Heat spreader
TBD
DFI reserves the right to change the specifications at any time prior to the product's release. Changes thereafter will be based on the product's revision. Please contact your
sales representative for the exact revision offered in your area. All product names mentioned are trademarks of their respective companies. © September 9, 2024 DFI Inc.
SPECIFICATION
SYSTEM
Processor
Intel® Core™ Ultra 7/5 Processors, TDP up to 28W
Intel® Core™ Ultra 7 165H, 16C, 24M Cache, 1.4GHz (5.0GHz)
Intel® Core™ Ultra 5 135H, 14C, 18M Cache, 1.7GHz (4.6GHz)
Intel® Core™ Ultra 7 155U, 12C, 12M Cache, 1.7GHz (4.8GHz)
Intel® Core™ Ultra 5 125U, 12C, 12M Cache, 1.3GHz (4.3GHz)
Memory
Dual Channel LPDDR5/x 6400MHz memory down Up to 32GB
BIOS
AMI SPI 256Mbit
GRAPHICS
Controller
Intel® Arc™ Graphics
Feature
OpenGL 4.6, Direct X 12.2, OpenCL 3.0
HW Decode: HEVC, VP9, AV1, AVC
HW Encode: HEVC, VP9,AV1, AVC
Display
1 x HDMI 1.4b
1 x LVDS
1 x USB-C DP Alt. mode
HDMI: resolution up to 4096x2160@24Hz
LVDS: dual channel 24-bit, resolution up to
1920x1200@60Hz
DP: resolution up to 4096x2304@60Hz
Triple Displays
HDMI + LVDS + USB-C DP Alt. mode
EXPANSION
Interface
1 x M.2 M key 2280 (PCIe Gen4 x4)
1 x M.2 B key 3052 (USB 3.0/2.0, PCIe x1, SATA), 1 x SIM slot for 4G/5G
1 x M.2 E key 2230 (USB 2.0/PCIe x1)
AUDIO
Audio Codec
Realtek ALC888S
ETHERNET
Controller
2 x Intel® I226V (10/100/1000/2500Mbps)
REAR I/O
Ethernet
2 x 2.5GbE (RJ-45)
USB
5 x USB 3.2 or 4 x USB 3.2 + 1 x USB 2.0 (by BIOS setting)
1 x USB Type C
Display
1 x HDMI
1 x USB-C DP Alt. Mode
Button
1 x Power Button
1 x Reset Button
FRONT I/O
Serial
COM 1: RS-232/422/485
COM 2/3: RS-232
COM 4: RS-232/422/485 or 8-bit DIO by jumper setting
Ethernet
1 x GbE (RJ-45), Intel® i210AT (10/100/1000Mbps) (support OOB)
INTERNAL I/O
Serial
2 x RS-232 (1.0mm pitch)
USB
1 x USB 2.0 (1.0mm pitch)
SATA
1 x SATA 3.0
FAN
1 x Smart FAN
WATCHDOG TIMER
Output & Interval
System Reset, Programmable via Software from 1 to 255 Seconds
SECURITY
TPM
TPM 2.0
POWER
Type
9~36V DC
Connector
Right Angle Connector (4-pin)
DC-in Jack (available upon request)
RTC Battery
CR2032 Coin Cell (Cable type)
OS SUPPORT
Microsoft
Windows 11 & 10 IoT Enterprise 64-bit
Linux
Linux
ENVIRONMENT
Temperature
Operating: -5 to 65°C
Storage: -40 to 85°C
Humidity
Operating: 5 to 90% RH
Storage: 5 to 90% RH
MTBF
TBD
MECHANISM
Dimensions
4" SBC Form Factor
165mm (6.49") x 115mm (4.53")
Height
PCB: 1.6mm
STANDARDS AND
CERTIFICATIONS
Certification
CE, FCC Class B, RoHS



Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com