Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RF2046PCBA-41X Fiches technique(PDF) 8 Page - RF Micro Devices

No de pièce RF2046PCBA-41X
Description  GENERAL PURPOSE AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RFMD [RF Micro Devices]
Site Internet  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2046PCBA-41X Fiches technique(HTML) 8 Page - RF Micro Devices

  RF2046PCBA-41X Datasheet HTML 1Page - RF Micro Devices RF2046PCBA-41X Datasheet HTML 2Page - RF Micro Devices RF2046PCBA-41X Datasheet HTML 3Page - RF Micro Devices RF2046PCBA-41X Datasheet HTML 4Page - RF Micro Devices RF2046PCBA-41X Datasheet HTML 5Page - RF Micro Devices RF2046PCBA-41X Datasheet HTML 6Page - RF Micro Devices RF2046PCBA-41X Datasheet HTML 7Page - RF Micro Devices RF2046PCBA-41X Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
4-180
RF2046
Rev A11 050207
Liquid Photo-Imageable (LPI) solder mask is recommended. The solder mask footprint will match what is shown for the
PCB metal land pattern with a 2mil to 3mil expansion to accommodate solder mask registration clearance around all
pads. The center-grounding pad shall also have a solder mask clearance. Expansion of the pads to create solder mask
clearance can be provided in the master data or requested from the PCB fabrication supplier.
Figure 2. PCB Solder Mask - RF204X (Top View)
1.84 Typ.
Pin 1
B
B
A
A
A = 2.06 x 1.30 Typ.
B = 0.79 x 2.06 Typ.
Dimensions in mm.
3.68 Typ.
1.84 Typ.
3.68 Typ.



Html Pages

1 2 3 4 5 6 7 8