Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RF2046PCBA-41X Fiches technique(PDF) 7 Page - RF Micro Devices

No de pièce RF2046PCBA-41X
Description  GENERAL PURPOSE AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RFMD [RF Micro Devices]
Site Internet  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2046PCBA-41X Fiches technique(HTML) 7 Page - RF Micro Devices

  RF2046PCBA-41X Datasheet HTML 1Page - RF Micro Devices RF2046PCBA-41X Datasheet HTML 2Page - RF Micro Devices RF2046PCBA-41X Datasheet HTML 3Page - RF Micro Devices RF2046PCBA-41X Datasheet HTML 4Page - RF Micro Devices RF2046PCBA-41X Datasheet HTML 5Page - RF Micro Devices RF2046PCBA-41X Datasheet HTML 6Page - RF Micro Devices RF2046PCBA-41X Datasheet HTML 7Page - RF Micro Devices RF2046PCBA-41X Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
4-179
RF2046
Rev A11 050207
PCB Design Requirements
PCB Surface Finish
The PCB surface finish used for RFMD’s qualification process is Electroless Nickel, immersion Gold. Typical thickness is
3
μinch to 8μinch Gold over 180μinch Nickel.
PCB Land Pattern Recommendation
PCB land patterns are based on IPC-SM-782 standards when possible. The pad pattern shown has been developed and
tested for optimized assembly at RFMD; however, it may require some modifications to address company specific
assembly processes. The PCB land pattern has been developed to accommodate lead and package tolerances.
PCB Metal Land Mask Pattern
PCB Solder Mask Pattern
Figure 1. PCB Metal Land Pattern - RF204X (Top View)
A = 1.90 x 1.14 Typ.
B = 0.63 x 1.90 Typ.
Dimensions in mm.
Pin 1
B
B
A
A
1.84 Typ.
3.68 Typ.
1.84 Typ.
3.68 Typ.



Html Pages

1 2 3 4 5 6 7 8