Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

934847005 Fiches technique(PDF) 2 Page - Belden Inc.

No de pièce 934847005
Description  Fast Ethernet Cat5e Data Single-Ended Cordset
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BELDEN [Belden Inc.]
Site Internet  https://www.belden.com/
Logo BELDEN - Belden Inc.

934847005 Fiches technique(HTML) 2 Page - Belden Inc.

  934847005 Datasheet HTML 1Page - Belden Inc. 934847005 Datasheet HTML 2Page - Belden Inc. 934847005 Datasheet HTML 3Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Data Transmission:
Fast Ethernet Cat5e
Data Transmission Rate:
100 Mbit/s
Contact Resistance:
≤ 10 mOhm
Insulation Resistance:
˃ 10^9 Ohm
Mating Cycles:
≤ 100
Ambient Temperature (Operation)*:
- 40 °C - + 90 °C
Operating Temperature (UL):
max. + 80 °C
Protection Degree / IP Rating**:
IP65, IP67, IP69K
Design Standard:
IEC 61076-2-113
Pollution Degree:
3 acc. to DIN EN 60664-1 (VDE 0110-1)
Overvoltage Category:
III acc. to DIN EN 60664-1 (VDE 0110-1)
Materials
Contact Base Material:
CuZn
Contact Plating:
Cu/Au
Contact Bearer Material:
PBT-GF
Contact Bearer Color:
Black
Flammability Class (Contact Bearer):
Data: UL 94 V-2 + Power: UL 94 V-0
Molded Body Material:
TPU
Molded Body Color:
Black
Flammability Class (Molded Body):
UL 94 HB
Attachment Material:
CuZn
Attachment Plating:
Nickel-plated
Shielding Material:
GD-Zn, nickel-plated
Additional Technical Data
Fastening Torque (Attachment):
M 12x1: (50-60) Ncm, hand-tight
Cable Data
Cable Number:
922
Conductor Size:
Data: 4x0.15 mm² + Power: 4x0.75 mm²
Number of Wires:
8
Minimal Bending Radius (Fixed Inst):
˃ 6 x D
Minimal Bending Radius (Flexible Inst):
˃ 10 x D
Cycles (Bending):
˃ 1-2 M
Conductor material:
Cu
Cable Jacket Material:
PUR
Cable Jacket Color:
black matt similarly RAL 9005
Cable Diameter D:
ø 8.00 ± 0.3 mm
Wire Insulation Material:
PP
Insulated Wire Diameter:
Data: ø 1.15 ± 0.03 mm + Power: ø 1.70 ± 0.05 mm
Overall Shield (Cable):
Cu-ETP1 tinned
Element Shield:
Shielding Foil
Ambient Temperature (Fixed Installation): - 40 °C - + 90 °C (UL: + 80 °C)
Ambient Temperature (Flex Installation):
- 30 °C - + 70 °C
UL Cable Type:
AWM: 20233
Cable Characteristics:
Exclusion of dangerous materials; Exclusion of PVC and Silicone
Core Colors:
Data: green, orange, white-green, white-orange + Power: brown, black, white, blue
Approvals
UL-File:
E315587
UL:
UL 2238; cULus
Safety & Environmental Compliance
RoHS Compliant:
yes
Resistances
Halogenfree:
EN 50267-2-1, IEC 60754-1 max. 0,5% HCI



Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com