Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

934847005 Fiches technique(PDF) 1 Page - Belden Inc.

No de pièce 934847005
Description  Fast Ethernet Cat5e Data Single-Ended Cordset
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BELDEN [Belden Inc.]
Site Internet  https://www.belden.com/
Logo BELDEN - Belden Inc.

934847005 Fiches technique(HTML) 1 Page - Belden Inc.

  934847005 Datasheet HTML 1Page - Belden Inc. 934847005 Datasheet HTML 2Page - Belden Inc. 934847005 Datasheet HTML 3Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product: RSTS 8Y-922
Fast Ethernet Cat5e Data Single-Ended Cordset: M12 Hybrid, male, straight,
8-pin, Y-coded, shielded, black body, 50 V AC/ DC, 0.5 A; PUR black cable,
8-wires, Data: 4x0.15 mm² + Power: 4x0.75 mm²
Product Description
Fast Ethernet Cat5e Data Single-Ended Cordset: M12 Hybrid, male, straight, 8-pin, Y-coded, shielded, black body, 50 V AC/ DC, 0.5 A; PUR black cable,
8-wires, Data: 4x0.15 mm² + Power: 4x0.75 mm²
Technical Drawing
Technical Specifications
Face View
Pin 1
Pin 2
Pin 3
Pin 4
Pin 5 Pin 6
Pin 7
Pin 8
white-orange orange white-green green blue
white brown black
Technical Data
Product Family:
Data Connectors
Product Sub Family:
M12 Hybrid
Brand:
Lumberg Automation
Connector Type:
Cordset, single ended
Type of Contact / Gender:
Male
Connector Design:
Straight
Number of Pins:
8
Coding:
Y
Shielding:
Shielded
Attachment Type:
Coupling Screw
Rated Voltage:
50 V
Rated Voltage (UL):
50 V AC/DC
Rated Impulse Voltage:
0.8 kV
Operating Voltage:
50 V AC/ DC
Rated Current*:
Power: 6 A; Data: 0.5 A
Rated Current (UL)*:
Power: 6 A; Data: 0.5 A


Numéro de pièce similaire - 934847005

FabricantNo de pièceFiches techniqueDescription
logo
Belden Inc.
934845001 BELDEN-934845001 Datasheet
420Kb / 3P
Fast Ethernet Cat5e Data Single-Ended Cordset
934845002 BELDEN-934845002 Datasheet
420Kb / 3P
Fast Ethernet Cat5e Data Single-Ended Cordset
934845003 BELDEN-934845003 Datasheet
420Kb / 3P
Fast Ethernet Cat5e Data Single-Ended Cordset
934845004 BELDEN-934845004 Datasheet
420Kb / 3P
Fast Ethernet Cat5e Data Single-Ended Cordset
934845005 BELDEN-934845005 Datasheet
420Kb / 3P
Fast Ethernet Cat5e Data Single-Ended Cordset
More results

Description similaire - 934847005

FabricantNo de pièceFiches techniqueDescription
logo
PMC-Sierra, Inc
PM3351 PMC-PM3351 Datasheet
978Kb / 268P
SINGLE PORT FAST ETHERNET SWITCH
logo
Macronix International
MX98715AEC-D MCNIX-MX98715AEC-D Datasheet
255Kb / 40P
SINGLE CHIP FAST ETHERNET NIC CONTROLLER
logo
List of Unclassifed Man...
MX98725 ETC1-MX98725 Datasheet
177Kb / 33P
SINGLE CHIP FAST ETHERNET NIC CONTROLLER
logo
Davicom Semiconductor, ...
DM9102D DAVICOM-DM9102D Datasheet
568Kb / 70P
Single Chip Fast Ethernet NIC Controller
DM9102DEP DAVICOM-DM9102DEP Datasheet
58Kb / 3P
Single Chip Fast Ethernet NIC Controller
DM9102HEP DAVICOM-DM9102HEP Datasheet
41Kb / 3P
Single Chip Fast Ethernet NIC Controller
logo
STMicroelectronics
AN1301 STMICROELECTRONICS-AN1301 Datasheet
160Kb / 8P
SINGLE PORT FAST ETHERNET TRANSCEIVER
26-Oct-2000
logo
Molex Electronics Ltd.
1300610080 MOLEX11-1300610080 Datasheet
29Kb / 1P
Mini-Change A-Size Single-Ended Cordset
logo
Realtek Semiconductor C...
RTL8101L REALTEK-RTL8101L Datasheet
947Kb / 96P
SINGLE-CHIP FAST ETHERNET CONTROLLER
logo
Molex Electronics Ltd.
1201080267 MOLEX-1201080267 Datasheet
24Kb / 1P
Industrial Ethernet Double-Ended RJ-45 Cordset, Male (Straight) to Male
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com