Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPC8275 Fiches technique(PDF) 13 Page - Freescale Semiconductor, Inc

No de pièce MPC8275
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8275 Fiches technique(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button MPC8275 Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC8275 Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC8275 Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC8275 Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC8275 Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC8275 Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC8275 Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC8275 Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC8275 Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 1386 page
background image
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
xiii
Contents
Paragraph
Number
Title
Page
Number
7.2.8.3
Partial Data Valid Indication (PSDVAL) ............................................................... 7-16
7.2.8.3.1
Partial Data Valid (PSDVAL)—Input................................................................ 7-17
7.2.8.3.2
Partial Data Valid (PSDVAL)—Output ............................................................. 7-17
Chapter 8
The 60x Bus
8.1
Terminology ..................................................................................................................... 8-1
8.2
Bus Configuration............................................................................................................8-2
8.2.1
Single-MPC8280 Bus Mode........................................................................................ 8-2
8.2.2
60x-Compatible Bus Mode.......................................................................................... 8-3
8.3
60x Bus Protocol Overview ............................................................................................. 8-4
8.3.1
Arbitration Phase ......................................................................................................... 8-5
8.3.2
Address Pipelining and Split-Bus Transactions........................................................... 8-6
8.4
Address Tenure Operations.............................................................................................. 8-7
8.4.1
Address Arbitration...................................................................................................... 8-7
8.4.2
Address Pipelining....................................................................................................... 8-8
8.4.3
Address Transfer Attribute Signals.............................................................................. 8-9
8.4.3.1
Transfer Type Signal (TT[0–4]) Encoding .............................................................. 8-9
8.4.3.2
Transfer Code Signals TC[0–2] ............................................................................. 8-12
8.4.3.3
TBST and TSIZ[0–3] Signals and Size of Transfer .............................................. 8-12
8.4.3.4
Burst Ordering During Data Transfers .................................................................. 8-13
8.4.3.5
Effect of Alignment on Data Transfers.................................................................. 8-14
8.4.3.6
Effect of Port Size on Data Transfers .................................................................... 8-15
8.4.3.7
60x-Compatible Bus Mode—Size Calculation ..................................................... 8-17
8.4.3.8
Extended Transfer Mode ....................................................................................... 8-18
8.4.4
Address Transfer Termination ................................................................................... 8-21
8.4.4.1
Address Retried with ARTRY ............................................................................... 8-21
8.4.4.2
Address Tenure Timing Configuration .................................................................. 8-23
8.4.5
Pipeline Control ......................................................................................................... 8-23
8.5
Data Tenure Operations ................................................................................................. 8-24
8.5.1
Data Bus Arbitration.................................................................................................. 8-24
8.5.2
Data Streaming Mode ................................................................................................ 8-25
8.5.3
Data Bus Transfers and Normal Termination ............................................................ 8-25
8.5.4
Effect of ARTRY Assertion on Data Transfer and Arbitration ................................. 8-26
8.5.5
Port Size Data Bus Transfers and PSDVAL Termination.......................................... 8-26
8.5.6
Data Bus Termination by Assertion of TEA.............................................................. 8-28
8.6
Memory Coherency—MEI Protocol ............................................................................. 8-29
8.7
Processor State Signals .................................................................................................. 8-30
8.7.1
Support for the lwarx/stwcx. Instruction Pair ........................................................... 8-31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com