Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPC8275 Fiches technique(PDF) 21 Page - Freescale Semiconductor, Inc

No de pièce MPC8275
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8275 Fiches technique(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button MPC8275 Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC8275 Datasheet HTML 18Page - Freescale Semiconductor, Inc MPC8275 Datasheet HTML 19Page - Freescale Semiconductor, Inc MPC8275 Datasheet HTML 20Page - Freescale Semiconductor, Inc MPC8275 Datasheet HTML 21Page - Freescale Semiconductor, Inc MPC8275 Datasheet HTML 22Page - Freescale Semiconductor, Inc MPC8275 Datasheet HTML 23Page - Freescale Semiconductor, Inc MPC8275 Datasheet HTML 24Page - Freescale Semiconductor, Inc MPC8275 Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 1386 page
background image
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
xxi
Contents
Paragraph
Number
Title
Page
Number
Chapter 12
Secondary (L2) Cache Support
12.1
L2 Cache Configurations ............................................................................................... 12-1
12.1.1
Copy-Back Mode ....................................................................................................... 12-1
12.1.2
Write-Through Mode ................................................................................................. 12-2
12.1.3
ECC/Parity Mode....................................................................................................... 12-4
12.2
L2 Cache Interface Parameters ...................................................................................... 12-6
12.3
System Requirements When Using the L2 Cache Interface.......................................... 12-7
12.4
L2 Cache Operation ....................................................................................................... 12-7
12.5
Timing Example............................................................................................................. 12-7
Chapter 13
IEEE 1149.1 Test Access Port
13.1
Overview........................................................................................................................ 13-1
13.2
TAP Controller............................................................................................................... 13-2
13.3
Boundary Scan Register................................................................................................. 13-3
13.4
Instruction Register........................................................................................................ 13-5
13.5
MPC8280 Restrictions ................................................................................................... 13-7
13.6
Nonscan Chain Operation .............................................................................................. 13-7
Part IV
Communications Processor Module
Chapter 14
Communications Processor Module Overview
14.1
Features .......................................................................................................................... 14-1
14.2
Serial Configurations ..................................................................................................... 14-3
14.3
Communications Processor (CP) ................................................................................... 14-4
14.3.1
CPM Performance Evaluation ................................................................................... 14-4
14.3.2
Features ...................................................................................................................... 14-4
14.3.3
CP Block Diagram ..................................................................................................... 14-5
14.3.4
G2_LE Core Interface................................................................................................ 14-7
14.3.5
Peripheral Interface.................................................................................................... 14-7
14.3.6
Execution from RAM ................................................................................................ 14-8
14.3.7
RISC Controller Configuration Register (RCCR) ..................................................... 14-9
14.3.8
RISC Time-Stamp Control Register (RTSCR) ........................................................ 14-10
14.3.9
RISC Time-Stamp Register (RTSR) ........................................................................ 14-11
14.3.10
RISC Microcode Revision Number......................................................................... 14-11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com