| Moteur de recherche de fiches techniques de composants électroniques |
|
MPC8270 Fiches technique(PDF) 180 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8270 Fiches technique(HTML) 180 Page - Freescale Semiconductor, Inc |
|
180 / 1386 page ![]() System Interface Unit (SIU) MPC8280 PowerQUICC II Family Reference Manual, Rev. 1 4-8 Freescale Semiconductor 4.2.1 Interrupt Configuration Figure 4-8 shows the MPC8280 interrupt structure. The interrupt controller receives interrupts from internal sources, such as the PIT or TMCNT, from the CPM, the PCI bridge (with its own interrupt controller), and from external pins (port C parallel I/O pins). Figure 4-8. MPC8280 Interrupt Structure MCP IRQ[0–7] INT OR G2_LE Core Port C[0–15] Timer1 Timer2 Timer3 Timer4 SCC3 USB/SCC4 SMC1 SPI I2C SMC2 Software watchdog timer IRQ0 IDMA1 IDMA2 RISC Timers Fall/ Level SCC2 SCC1 MCC11 FCC3 FCC2 FCC1 PIT TMCNT Edge/ Fall IDMA3 IDMA4 SDMA MCC2 16 8 TC layers1 Memory controller data errors PCI Bus monitor address only IRQ[1–7] Note 1 MPC8280 only PCI CINT IRQ5 |