| Moteur de recherche de fiches techniques de composants électroniques |
|
MPC8270 Fiches technique(PDF) 45 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8270 Fiches technique(HTML) 45 Page - Freescale Semiconductor, Inc |
|
45 / 1386 page ![]() MPC8280 PowerQUICC II Family Reference Manual, Rev. 1 Freescale Semiconductor xlv Contents Paragraph Number Title Page Number Chapter 37 FCC HDLC Controller 37.1 Key Features .................................................................................................................. 37-1 37.2 HDLC Channel Frame Transmission Processing .......................................................... 37-2 37.3 HDLC Channel Frame Reception Processing ............................................................... 37-3 37.4 HDLC Parameter RAM ................................................................................................. 37-3 37.5 Programming Model ...................................................................................................... 37-5 37.5.1 HDLC Command Set................................................................................................. 37-5 37.5.2 HDLC Error Handling ............................................................................................... 37-6 37.6 HDLC Mode Register (FPSMR) ................................................................................... 37-8 37.7 HDLC Receive Buffer Descriptor (RxBD).................................................................... 37-9 37.8 HDLC Transmit Buffer Descriptor (TxBD) ................................................................ 37-12 37.9 HDLC Event Register (FCCE)/Mask Register (FCCM) ............................................. 37-14 37.10 FCC Status Register (FCCS) ....................................................................................... 37-16 Chapter 38 FCC Transparent Controller 38.1 Features .......................................................................................................................... 38-1 38.2 Transparent Channel Operation ..................................................................................... 38-2 38.3 Achieving Synchronization in Transparent Mode ......................................................... 38-2 38.3.1 In-Line Synchronization Pattern................................................................................ 38-2 38.3.2 External Synchronization Signals .............................................................................. 38-3 38.3.3 Transparent Synchronization Example ...................................................................... 38-4 Chapter 39 Serial Peripheral Interface (SPI) 39.1 Features .......................................................................................................................... 39-1 39.2 SPI Clocking and Signal Functions ............................................................................... 39-2 39.3 Configuring the SPI Controller...................................................................................... 39-2 39.3.1 The SPI as a Master Device ....................................................................................... 39-3 39.3.2 The SPI as a Slave Device ......................................................................................... 39-4 39.3.3 The SPI in Multimaster Operation............................................................................. 39-4 39.4 Programming the SPI Registers ..................................................................................... 39-6 39.4.1 SPI Mode Register (SPMODE) ................................................................................. 39-6 39.4.1.1 SPI Examples with Different SPMODE[LEN] Values.......................................... 39-8 39.4.2 SPI Event/Mask Registers (SPIE/SPIM) ................................................................... 39-9 39.4.3 SPI Command Register (SPCOM) .......................................................................... 39-10 39.5 SPI Parameter RAM .................................................................................................... 39-10 |