Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPC8270 Fiches technique(PDF) 29 Page - Freescale Semiconductor, Inc

No de pièce MPC8270
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8270 Fiches technique(HTML) 29 Page - Freescale Semiconductor, Inc

Back Button MPC8270 Datasheet HTML 25Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 26Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 27Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 28Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 29Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 30Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 31Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 32Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 33Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 1386 page
background image
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
xxix
Contents
Paragraph
Number
Title
Page
Number
25.19
SCC Ethernet Transmit Buffer Descriptor................................................................... 25-18
25.20
SCC Ethernet Event Register (SCCE)/Mask Register (SCCM) .................................. 25-20
25.21
SCC Ethernet Programming Example ......................................................................... 25-22
Chapter 26
SCC AppleTalk Mode
26.1
Operating the LocalTalk Bus ......................................................................................... 26-1
26.2
Features .......................................................................................................................... 26-2
26.3
Connecting to AppleTalk ............................................................................................... 26-2
26.4
Programming the SCC in AppleTalk Mode................................................................... 26-3
26.4.1
Programming the GSMR ........................................................................................... 26-3
26.4.2
Programming the PSMR............................................................................................ 26-4
26.4.3
Programming the TODR............................................................................................ 26-4
26.4.4
SCC AppleTalk Programming Example.................................................................... 26-4
Chapter 27
Universal Serial Bus Controller
27.1
USB Integration in the MPC8280.................................................................................. 27-1
27.2
Overview........................................................................................................................ 27-1
27.2.1
USB Controller Key Features .................................................................................... 27-2
27.3
Host Controller Limitations ........................................................................................... 27-2
27.3.1
USB Controller Pin Functions and Clocking............................................................. 27-2
27.4
USB Function Description............................................................................................. 27-4
27.4.1
USB Function Controller Transmit/Receive.............................................................. 27-5
27.5
USB Host Description ................................................................................................... 27-7
27.5.1
USB Host Controller Transmit/Receive .................................................................... 27-8
27.5.1.1
Packet-Level Interface ........................................................................................... 27-9
27.5.1.2
Transaction-Level Interface ................................................................................... 27-9
27.5.2
SOF Transmission for USB Host Controller ........................................................... 27-12
27.5.3
USB Function and Host Parameter RAM Memory Map......................................... 27-12
27.5.4
Endpoint Parameters Block Pointer (EPxPTR) ....................................................... 27-13
27.5.5
Frame Number (FRAME_N)................................................................................... 27-15
27.5.6
USB Function Code Registers (RFCR and TFCR) ................................................. 27-16
27.5.7
USB Function Programming Model ........................................................................ 27-17
27.5.7.1
USB Mode Register (USMOD)........................................................................... 27-17
27.5.7.2
USB Slave Address Register (USADR) .............................................................. 27-18
27.5.7.3
USB Endpoint Registers (USEP1–USEP4)......................................................... 27-18
27.5.7.4
USB Command Register (USCOM).................................................................... 27-20
27.5.7.5
USB Event Register (USBER) ............................................................................ 27-20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More