Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPC8270 Fiches technique(PDF) 159 Page - Freescale Semiconductor, Inc

No de pièce MPC8270
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8270 Fiches technique(HTML) 159 Page - Freescale Semiconductor, Inc

Back Button MPC8270 Datasheet HTML 155Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 156Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 157Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 158Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 159Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 160Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 161Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 162Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 163Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 1386 page
background image
Memory Map
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
3-15
0x1142C
TC2 corrected cells counter (TC_CCC2)1
R/W
16 bits
0x0000
35.4.3.4/35-12
0x1142E
TC2 idle cells counter (TC_ICC2)1
R/W
16 bits
0x0000
35.4.3.5/35-12
0x11430
TC2 transmitted cells counter (TC_TCC2)1
R/W
16 bits
0x0000
35.4.3.2/35-11
0x11432
TC2 error cells counter (TC_ECC2)1
R/W
16 bits
0x0000
35.4.3.3/35-12
0x11434
Reserved
—
12 bytes
—
—
TC Layer 31
0x11440
TC3 mode register (TCMODE3)1
R/W
16 bits
0x0000
35.4.1.1/35-7
0x11442
TC3 cell delineation state machine register (CDSMR3)1
R/W
16 bits
0x0000
35.4.1.2/35-8
0x11444
TC3 event register (TCER3)1
R/W
16 bits
0x0000
35.4.1.3/35-9
0x11446
TC3 received cells counter (TC_RCC3)1
R/W
16 bits
0x0000
35.4.1.4/35-10
0x11448
TC3 mask register (TCMR3)1
R/W
16 bits
0x0000
35.4.1.4/35-10
0x1144A
TC3 filtered cells counter (TC_FCC3)1
R/W
16 bits
0x0000
35.4.3.6/35-12
0x1144C
TC3 corrected cells counter (TC_CCC3)1
R/W
16 bits
0x0000
35.4.3.4/35-12
0x1144E
TC3 idle cells counter (TC_ICC3)1
R/W
16 bits
0x0000
35.4.3.5/35-12
0x11450
TC3 transmitted cells counter (TC_TCC3)1
R/W
16 bits
0x0000
35.4.3.2/35-11
0x11452
TC3 error cells counter (TC_ECC3)1
R/W
16 bits
0x0000
35.4.3.3/35-12
0x11454
Reserved
—
12 bytes
—
—
TC Layer 41
0x11460
TC4 mode register (TCMODE4)1
R/W
16 bits
0x0000
35.4.1.1/35-7
0x11462
TC4 cell delineation state machine register (CDSMR4)1
R/W
16 bits
0x0000
35.4.1.2/35-8
0x11464
TC4 event register (TCER4)1
R/W
16 bits
0x0000
35.4.1.3/35-9
0x11466
TC4 received cells counter (TC_RCC4)1
R/W
16 bits
0x0000
35.4.1.4/35-10
0x11468
TC4 mask register (TCMR4)1
R/W
16 bits
0x0000
35.4.1.4/35-10
0x1146A
TC4 filtered cells counter (TC_FCC4)1
R/W
16 bits
0x0000
35.4.3.6/35-12
0x1146C
TC4 corrected cells counter (TC_CCC4)1
R/W
16 bits
0x0000
35.4.3.4/35-12
0x1146E
TC4 idle cells counter (TC_ICC4)1
R/W
16 bits
0x0000
35.4.3.5/35-12
0x11470
TC4 transmitted cells counter (TC_TCC4)1
R/W
16 bits
0x0000
35.4.3.2/35-11
0x11472
TC4 error cells counter (TC_ECC4)1
R/W
16 bits
0x0000
35.4.3.3/35-12
0x11474
Reserved1
—
12 bytes
—
—
TC Layer 51
0x11480
TC5 mode register (TCMODE5)1
R/W
16 bits
0x0000
35.4.1.1/35-7
Table 3-1. Internal Memory Map (continued)
Address
(offset)
Register
R/W
Size
Reset
Section/Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More