| Moteur de recherche de fiches techniques de composants électroniques |
|
MPC8270 Fiches technique(PDF) 296 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8270 Fiches technique(HTML) 296 Page - Freescale Semiconductor, Inc |
|
296 / 1386 page ![]() The 60x Bus MPC8280 PowerQUICC II Family Reference Manual, Rev. 1 8-20 Freescale Semiconductor Table 8-12 includes added states to the transfer size calculation state machine. Only extended transfers use these states. Table 8-12. Address and Size State for Extended Transfers Size State [0–3] Address State[0–4] Port Size Next Size State [0–3] Next Address State[0–4] Half xxx 1 1 Byte Byte xx 1 0 0 x x 10 1 x x 1 10 xxxx x Half Stop 3-Byte x x 01 0 Byte Half x x 0 11 x x 10 0 x x 1 01 x x 01 0 Half Byte x x 1 00 x x 10 0 x x 1 10 Word x x 0 0 1 Byte 3-Byte x x 0 1 0 x x 01 1 x x 1 00 5-Byte x x 0 0 0 Byte Word x x 0 0 1 x x 00 1 x x 0 10 x x 01 0 x x 0 11 x x 01 1 x x 1 00 x x 00 0 Half 3-Byte x x 0 10 x x 01 0 x x 1 00 x x 01 1 Word x x 1 00 x x 00 0 Word Byte x x 1 00 x x 01 1 Word x x 1 00 xxxx x Double Stop 6-Byte x x 0 0 0 Byte 5-Byte x x 0 0 1 x x 00 1 x x 0 10 x x 01 0 x x 0 11 x x 0 0 0 Half Word x x 0 1 0 x x 01 0 x x 1 00 x x 0 0 0 Word Half x x 1 0 0 x x 01 0 Word x x 1 00 xxxx x Double Stop |