| Moteur de recherche de fiches techniques de composants électroniques |
|
MPC8280 Fiches technique(PDF) 112 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8280 Fiches technique(HTML) 112 Page - Freescale Semiconductor, Inc |
|
112 / 1386 page ![]() Overview MPC8280 PowerQUICC II Family Reference Manual, Rev. 1 1-18 Freescale Semiconductor CP can store large data frames in the local memory without interfering with the operation of the system core. Figure 1-9. Basic System Configuration 1.7.2.2 High-Performance Communication Figure 1-10 shows a high-performance communication configuration. Figure 1-10. High-Performance Communication MPC8280 60x Bus SDRAM/SRAM/DRAM/Flash Local Bus SDRAM/SRAM/DRAM ATM Connection Tables Communication Channels UTOPIA PHY 155 Mbps PHY ATM MPC8280-A 60x Bus SDRAM/SRAM/DRAM/Flash Local Bus SDRAM/SRAM/DRAM ATM Connection Tables Communication Channels UTOPIA MPC8280-B Local Bus SDRAM/SRAM/DRAM ATM Connection Tables or PCI Bus (master/slave) PHY 155 Mbps PHY ATM Communication Channels UTOPIA PHY 155 Mbps PHY ATM |