| Moteur de recherche de fiches techniques de composants électroniques |
|
MPC8280 Fiches technique(PDF) 244 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8280 Fiches technique(HTML) 244 Page - Freescale Semiconductor, Inc |
|
244 / 1386 page ![]() External Signals MPC8280 PowerQUICC II Family Reference Manual, Rev. 1 6-2 Freescale Semiconductor Figure 6-1. MPC8280 External Signals 6.2 Signal Descriptions The MPC8280 system bus, shown in Table 6-1, consists of all the signals that interface with the external bus. Many of these pins perform different functions, depending on how the user assigns them. VCCSYN/GNDSYN/VCCSYN1//VDDH/ VDD/VSS ⎯⎯⎯> 100 6 0 x B U S 32 <⎯⎯> A[0–31] PCI_PAR/L_A14 <⎯⎯> 1 L O C A L B U S 5 <⎯⎯> TT[0–4] SMI/PCI_FRAME/L_A15 <⎯⎯> 14 <⎯⎯> TSIZ[0–3] PCI_TRDY/L_A16 <⎯⎯> 11 <⎯⎯> TBST CKSTOP_OUT/PCI_IRDY/L_A17 <⎯⎯> 11 <⎯⎯> GBL/IRQ1 PCI_STOP/L_A18 <⎯⎯> 11 <⎯⎯> CI/BADDR29/IRQ2 PCI_DEVSEL/L_A19 <⎯⎯> 11 <⎯⎯> WT/BADDR30/IRQ3 PCI_IDSEL/L_A20 <⎯⎯> 11 <⎯⎯⎯ L2_HIT/IRQ4 PCI_PERR/L_A21 <⎯⎯> 11 <⎯⎯> CPU_BG/BADDR31/IRQ5/CINT PCI_SERR/L_A22 <⎯⎯> 11 ⎯⎯⎯> CPU_DBG PCI_REQ0/L_A23 <⎯⎯> 11 ⎯⎯⎯> CPU_BR CPCI_HS_ES/PCI_REQ1/L_A24 <⎯⎯> 11 <⎯⎯> BR PCI_GNT0/L_A25 <⎯⎯> 11 <⎯⎯> BG CPCI_HS_LED/PCI_GNT1/L_A26 <⎯⎯⎯ 11 <⎯⎯> ABB/IRQ2 CPCI_HS_ENUM/GNT2/L_A27 <⎯⎯> 11 <⎯⎯> TS CORE_SRESET/PCI_RST/L_A28 <⎯⎯> 11 <⎯⎯> AACK PCI_INTA/L_A29 <⎯⎯> 11 <⎯⎯> ARTRY PCI_REQ2/L_A30 <⎯⎯> 11 <⎯⎯> DBG DLLOUT/L_A31 <⎯⎯> 11 <⎯⎯> DBB/IRQ3 PCI_AD[31-0]/LCL_D[0–31] <⎯⎯> 32 64 <⎯⎯> D[0–63] PCI_C/BE[3-0]/LCL_DP[0–3] <⎯⎯> 41 <⎯⎯> NC/DP0/RSRV/EXT_BR2 1 <⎯⎯> IRQ1/DP1/EXT_BG2 PCI_CFG[3–0]/LBS[0–3]/ LSDDQM[0–3]/LWE[0–3] <⎯⎯⎯ 4 M E M C 1 <⎯⎯> IRQ2/DP2/TLBISYNC/EXT_DBG2 1 <⎯⎯> IRQ3/DP3/CKSTP_OUT/EXT_BR3 PCI_MODCK_H0/LGPL0/LSDA10 <⎯⎯⎯ 11 <⎯⎯> IRQ4/DP4/CORE_SRESET/EXT_BG3 PCI_MODCK_H1/LGPL1/LSDWE <⎯⎯⎯ 11 <⎯⎯> IRQ5/DP5/TBEN/EXT_DBG3/CINT PCI_MODCK_H2/LGPL2/LSDRAS/LOE <⎯⎯⎯ 11 <⎯⎯> IRQ6/DP6/CSE0 PCI_MODCK_H3/LGPL3/LSDCAS <⎯⎯⎯ 11 <⎯⎯> IRQ7/DP7/CSE1 LPBS/LGPL4/LUPMWAIT/LGTA <⎯⎯> 11 <⎯⎯> PSDVAL PCI_MODCK/LGPL5 <⎯⎯> 11 <⎯⎯> TA LWR <⎯⎯> 11 <⎯⎯> TEA P I O 1 <⎯⎯> IRQ0/NMI_OUT PA[0–31] <⎯⎯> 32 1 <⎯⎯> IRQ7/INT_OUT/APE PB[4–31] <⎯⎯> 28 M E M C 10 ⎯⎯⎯> CS[0–9] PC[0–31] <⎯⎯> 32 1 <⎯⎯> CS[10]/BCTL1 PD[4–31] <⎯⎯> 28 1 <⎯⎯> CS[11]/AP[0] 2 ⎯⎯⎯> BADDR[27–28] PCI_RST/PORESET ⎯⎯⎯> 1 R S T C L K 1 ⎯⎯⎯> ALE RSTCONF ⎯⎯⎯> 11 ⎯⎯⎯> BCTL0 HRESET <⎯⎯> 18 ⎯⎯⎯> PWE[0–7]/PSDDQM[0–7]/PBS[0–7] SRESET <⎯⎯> 11 ⎯⎯⎯> PSDA10/PGPL0 QREQ <⎯⎯⎯ 11 ⎯⎯⎯> PSDWE/PGPL1 XFC ⎯⎯⎯> 11 ⎯⎯⎯> POE/PSDRAS/PGPL2 CLKIN1 ⎯⎯⎯> 11 ⎯⎯⎯> PSDCAS/PGPL3 TRIS ⎯⎯⎯> 11 <⎯⎯> PGTA/PUPMWAIT/PGPL4/PPBS BNKSEL[0]/TC[0]/AP[1]/MODCK1 <⎯⎯> 11 ⎯⎯⎯> PSDAMUX/PGPL5 BNKSEL[1]/TC[1]/AP[2]/MODCK2 <⎯⎯> 1 J T A G 1 <⎯⎯− TMS BNKSEL[2]/TC[2]/AP[3]/MODCK3 <⎯⎯> 11 <⎯⎯⎯ TDI PCI_MODE ⎯⎯⎯> 11 <⎯⎯− TCK CLKIN2 ⎯⎯⎯> 11 <⎯⎯− TRST NC ⎯⎯⎯> 2 1 −⎯⎯> TDO |