| Moteur de recherche de fiches techniques de composants électroniques |
|
MPC8280 Fiches technique(PDF) 219 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8280 Fiches technique(HTML) 219 Page - Freescale Semiconductor, Inc |
|
219 / 1386 page ![]() System Interface Unit (SIU) MPC8280 PowerQUICC II Family Reference Manual, Rev. 1 Freescale Semiconductor 4-47 4.3.3.2 Periodic Interrupt Timer Count Register (PITC) The periodic interrupt timer count register (PITC), shown in Figure 4-39, contains the 16 bits to be loaded in a modulus counter. Table 4-22 describes PITC fields. 0 15 Field PITC Reset 0000_0000_0000_0000 R/W R/W Addr 0x10244 16 31 Field — Reset 0000_0000_0000_0000 R/W R/W Addr 0x10246 Figure 4-39. Periodic interrupt Timer Count Register (PITC) Table 4-22. PITC Field Descriptions Bits Name Description 0–15 PITC Periodic interrupt timing count. Bits 0–15 are defined as the PITC, which contains the count for the periodic timer. Setting PITC to 0xFFFF selects the maximum count period. 16–31 — Reserved, should be cleared. |