| Moteur de recherche de fiches techniques de composants électroniques |
|
GL830 Fiches technique(PDF) 25 Page - GENESYS LOGIC |
|
|
|||||||||||||||||||||||||||||
GL830 Fiches technique(HTML) 25 Page - GENESYS LOGIC |
|
25 / 29 page ![]() GL830 USB2.0 to SATA Bridge Controller ©2007 Genesys Logic Inc. - All rights reserved. Page 25 6.3.2 USB Interface DC Characteristics The GL830 conforms to DC characteristics for Universal Serial Bus specification rev. 2.0. Please refer to this specification for more information. 6.3.3 SATA Interface DC Characteristics The GL830 conforms to DC characteristics for Serial ATA specification rev. 2.6. Please refer to this specification for more information. 6.3.4 Reference Clock Input Requirement Table 6.6 - Reference Clock Input Requirement Parameter Min. Typ. Max. Unit X1 crystal frequency 25 MHz X1 cycle time 40 ns 6.3.5 Reference Resistor Requirement Table 6.7 - Reference Resistor Requirement Parameter Min. Typ. Max. Unit USB Reference Resistor 680 Ohms SATA Reference Resistor 5.1K Ohms 6.4 AC Characteristics 6.4.1 USB Interface AC Characteristics The GL830 conforms to all timing diagrams and specifications for Universal Serial Bus specification rev. 2.0. Please refer to this specification for more information. 6.4.2 SATA Interface AC Characteristics The GL830 conforms to all timing diagrams and specifications for Serial ATA specification rev. 2.6. Please refer to this specification for more information. |