Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GL830 Fiches technique(PDF) 8 Page - GENESYS LOGIC

No de pièce GL830
Description  USB 2.0 to SATA Bridge Controller
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  GENESYS [GENESYS LOGIC]
Site Internet  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL830 Fiches technique(HTML) 8 Page - GENESYS LOGIC

Back Button GL830 Datasheet HTML 4Page - GENESYS LOGIC GL830 Datasheet HTML 5Page - GENESYS LOGIC GL830 Datasheet HTML 6Page - GENESYS LOGIC GL830 Datasheet HTML 7Page - GENESYS LOGIC GL830 Datasheet HTML 8Page - GENESYS LOGIC GL830 Datasheet HTML 9Page - GENESYS LOGIC GL830 Datasheet HTML 10Page - GENESYS LOGIC GL830 Datasheet HTML 11Page - GENESYS LOGIC GL830 Datasheet HTML 12Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
GL830 USB2.0 to SATA Bridge Controller
©2007 Genesys Logic Inc. - All rights reserved.
Page 8
CHAPTER 1
GENERAL DESCRIPTION
The GL830 is a highly-compatible, low cost USB 2.0 to SATA bridge controller, which integrates Genesys
Logic own design high speed UTMI (USB 2.0 Transceiver Macrocell Interface) transceiver/receiver and Serial
ATA PHY. As a one-chip solution which complies with Universal Serial Bus specification rev. 2.0 and Serial
ATA specification rev. 2.6. There are totally 4 endpoints in the GL830 controller, Control (0), Bulk In (1), Bulk
Out (2), and Interrupt (3). By complies with the USB Storage Class specification ver.1.0 (Bulk only protocol),
the GL830 can support not only plug and play but also Windows Vista/ XP/ 2000/ ME default driver. The
GL830 uses 25MHz crystal and slew-rate controlled pads to reduce the EMI issue. With 64-pin LQFP
(7mmX7mm) package, the GL830 is the best cost/ performance solution to fit different situations in the USB 2.0
high speed storage class applications such as SATA HDD and ODD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29