Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GL800HT25 Fiches technique(PDF) 19 Page - GENESYS LOGIC

No de pièce GL800HT25
Description  USB 2.0 UTMI Compliant Transceiver IP Core
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  GENESYS [GENESYS LOGIC]
Site Internet  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL800HT25 Fiches technique(HTML) 19 Page - GENESYS LOGIC

Back Button GL800HT25 Datasheet HTML 12Page - GENESYS LOGIC GL800HT25 Datasheet HTML 13Page - GENESYS LOGIC GL800HT25 Datasheet HTML 14Page - GENESYS LOGIC GL800HT25 Datasheet HTML 15Page - GENESYS LOGIC GL800HT25 Datasheet HTML 16Page - GENESYS LOGIC GL800HT25 Datasheet HTML 17Page - GENESYS LOGIC GL800HT25 Datasheet HTML 18Page - GENESYS LOGIC GL800HT25 Datasheet HTML 19Page - GENESYS LOGIC GL800HT25 Datasheet HTML 20Page - GENESYS LOGIC  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
GL800HT25 USB 2.0 UTMI Compliant Transceiver IP Core
©2000-2003 Genesys Logic Inc.—All rights reserved.
Page 19
5.3.2 Relationship Between Mode Change and Other Input Signals
Figure 5.6 - Relationship Between Mode Change and Other Input Signals
Max.
Min.
T4
-
4T
T5
-
4T
T4
T5
T
HSTERM/
OPMOD[1:0]
FSPEED
TXVLD/
VALIDH
CLK30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20