Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GL800HT25 Fiches technique(PDF) 11 Page - GENESYS LOGIC

No de pièce GL800HT25
Description  USB 2.0 UTMI Compliant Transceiver IP Core
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  GENESYS [GENESYS LOGIC]
Site Internet  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL800HT25 Fiches technique(HTML) 11 Page - GENESYS LOGIC

Back Button GL800HT25 Datasheet HTML 7Page - GENESYS LOGIC GL800HT25 Datasheet HTML 8Page - GENESYS LOGIC GL800HT25 Datasheet HTML 9Page - GENESYS LOGIC GL800HT25 Datasheet HTML 10Page - GENESYS LOGIC GL800HT25 Datasheet HTML 11Page - GENESYS LOGIC GL800HT25 Datasheet HTML 12Page - GENESYS LOGIC GL800HT25 Datasheet HTML 13Page - GENESYS LOGIC GL800HT25 Datasheet HTML 14Page - GENESYS LOGIC GL800HT25 Datasheet HTML 15Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
GL800HT25 USB 2.0 UTMI Compliant Transceiver IP Core
©2000-2003 Genesys Logic Inc.—All rights reserved.
Page 11
CHAPTER 4
PIN ASSIGNMENT
4.1 Pinouts
GL800HT25
LQFP - 48
D8
37
D9
38
D10
39
D11
40
DVDD1
41
DGND1
42
D12
43
D13
44
D14
45
D15
46
LINEST1
47
LINEST0
48
TXVLD
CLKOUT
RXVLD
RXERR
RXACTV
OPMOD0
OPMOD1
TEST0
AGND1
XI
XO
AVDD1
24
23
22
21
20
19
18
17
16
15
14
13
Figure 4.1 - Pinout Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20