| Moteur de recherche de fiches techniques de composants électroniques |
|
AS8268 Fiches technique(PDF) 63 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS8268 Fiches technique(HTML) 63 Page - ams AG |
|
63 / 136 page ![]() Data Sheet AS8267 / AS8268 Revision 1.0, 19-Jun-07 Page 63 of 136 OUT4 MSB LSB 0 0 0 0 0 0 0 IO4 OUT5 MSB LSB 0 0 0 0 0 0 0 IO5 OUT6 MSB LSB 0 0 0 0 0 0 0 IO6 OUT7 MSB LSB 0 0 0 0 0 0 0 IO7 OUT8 MSB LSB 0 0 0 0 0 0 0 IO8 OUT9 MSB LSB 0 0 0 0 0 0 0 IO9 AS8268 only OUT10 MSB LSB 0 0 0 0 0 0 0 IO10 AS8268 only OUT11 MSB LSB 0 0 0 0 0 0 0 IO11 AS8268 only PCNT0/PCNT1/PCNT2 (951Bh/951Ch/951Dh) The PCNT registers (pulse counter registers) contain the result of the pulse counting for calibration purposes. PCNT0 MSB LSB b7 b6 b5 b4 b3 b2 b1 b0 |