Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS8268 Fiches technique(PDF) 97 Page - ams AG

No de pièce AS8268
Description  Single-Phase 2-Current Energy Measurement Integrated Circuits with Microcontroller, RTC, Programmable Multi-Purpose I/Os
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS8268 Fiches technique(HTML) 97 Page - ams AG

Back Button AS8268 Datasheet HTML 93Page - ams AG AS8268 Datasheet HTML 94Page - ams AG AS8268 Datasheet HTML 95Page - ams AG AS8268 Datasheet HTML 96Page - ams AG AS8268 Datasheet HTML 97Page - ams AG AS8268 Datasheet HTML 98Page - ams AG AS8268 Datasheet HTML 99Page - ams AG AS8268 Datasheet HTML 100Page - ams AG AS8268 Datasheet HTML 101Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 136 page
background image
Data Sheet AS8267 / AS8268
Revision 1.0, 19-Jun-07
Page 97 of 136
PSPI
IP = 1
IP = 0
High
Priority
Interrupt
Low
Priority
Interrupt
IE Register
IP Register
Priority Level
High
Priority
Level
Low
Polling
Sequence
Global enable
Individual enables
Source
PS
PIOX
PTO
PDSP
PS2
PRTC
Figure 18: Interrupt control system



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More