Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST7263BE6M1 Fiches technique(PDF) 35 Page - STMicroelectronics

No de pièce ST7263BE6M1
Description  Low speed USB 8-bit MCU family with up to 32K Flash/ROM, DFU capability, 8-bit ADC, WDG, timer, SCI & I짼C
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7263BE6M1 Fiches technique(HTML) 35 Page - STMicroelectronics

Back Button ST7263BE6M1 Datasheet HTML 31Page - STMicroelectronics ST7263BE6M1 Datasheet HTML 32Page - STMicroelectronics ST7263BE6M1 Datasheet HTML 33Page - STMicroelectronics ST7263BE6M1 Datasheet HTML 34Page - STMicroelectronics ST7263BE6M1 Datasheet HTML 35Page - STMicroelectronics ST7263BE6M1 Datasheet HTML 36Page - STMicroelectronics ST7263BE6M1 Datasheet HTML 37Page - STMicroelectronics ST7263BE6M1 Datasheet HTML 38Page - STMicroelectronics ST7263BE6M1 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 145 page
background image
ST7263BDx ST7263BHx ST7263BKx ST7263BE
35/145
I/O ports (Cont’d)
Table 11. PA1, PA2 description
Figure 23. PA1, PA2 configuration
PORT A
I / O
Alternate function
Input1
Output
Signal
Condition
PA1
without pull-up
Very High Current open drain
SDA (I²C data)
I²C enable
PA2
without pull-up
Very High Current open drain
SCL (I²C clock)
I²C enable
1Reset State
DR
DDR
LATCH
LATCH
DR SEL
DDR SEL
PAD
ALTERNATE ENABLE
ALTERNATE ENABLE
ALTERNATE
OUTPUT
N-BUFFER
1
0
1
0
CMOS SCHMITT TRIGGER
VSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More