Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST7263BE6M1 Fiches technique(PDF) 55 Page - STMicroelectronics

No de pièce ST7263BE6M1
Description  Low speed USB 8-bit MCU family with up to 32K Flash/ROM, DFU capability, 8-bit ADC, WDG, timer, SCI & I짼C
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7263BE6M1 Fiches technique(HTML) 55 Page - STMicroelectronics

Back Button ST7263BE6M1 Datasheet HTML 51Page - STMicroelectronics ST7263BE6M1 Datasheet HTML 52Page - STMicroelectronics ST7263BE6M1 Datasheet HTML 53Page - STMicroelectronics ST7263BE6M1 Datasheet HTML 54Page - STMicroelectronics ST7263BE6M1 Datasheet HTML 55Page - STMicroelectronics ST7263BE6M1 Datasheet HTML 56Page - STMicroelectronics ST7263BE6M1 Datasheet HTML 57Page - STMicroelectronics ST7263BE6M1 Datasheet HTML 58Page - STMicroelectronics ST7263BE6M1 Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 145 page
background image
ST7263BDx ST7263BHx ST7263BKx ST7263BE
55/145
16-bit timer (Cont’d)
Figure 36. One Pulse mode timing example
Figure 37. Pulse Width Modulation mode timing example with 2 Output Compare functions
Note: On timers with only one Output Compare register, a fixed frequency PWM signal can be generated
using the output compare and the counter overflow to define the pulse length.
COUNTER
FFFC FFFD FFFE
2ED0
2ED1 2ED2
2ED3
FFFC FFFD
OLVL2
OLVL2
OLVL1
ICAP1
OCMP1
compare1
Note: IEDG1 = 1, OC1R = 2ED0h, OLVL1 = 0, OLVL2 = 1
01F8
01F8
2ED3
IC1R
COUNTER 34E2
34E2
FFFC
OLVL2
OLVL2
OLVL1
OCMP1
compare2
compare1
compare2
Note: OC1R = 2ED0h, OC2R = 34E2, OLVL1 = 0, OLVL2 = 1
FFFC FFFD FFFE
2ED0
2ED1 2ED2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More