Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCF4511B Fiches technique(PDF) 2 Page - STMicroelectronics

No de pièce HCF4511B
Description  BCD TO SEVEN SEGMENT LATCH/DECODER/DRIVER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4511B Fiches technique(HTML) 2 Page - STMicroelectronics

  HCF4511B Datasheet HTML 1Page - STMicroelectronics HCF4511B Datasheet HTML 2Page - STMicroelectronics HCF4511B Datasheet HTML 3Page - STMicroelectronics HCF4511B Datasheet HTML 4Page - STMicroelectronics HCF4511B Datasheet HTML 5Page - STMicroelectronics HCF4511B Datasheet HTML 6Page - STMicroelectronics HCF4511B Datasheet HTML 7Page - STMicroelectronics HCF4511B Datasheet HTML 8Page - STMicroelectronics HCF4511B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
HCF4511B
2/13
INPUT EQUIVALENT CIRCUIT
PIN DESCRIPTION
FUNCTIONAL DIAGRAM
PIN No
SYMBOL
NAME AND FUNCTION
7, 1, 2, 6
A, B, C, D
Bcd Inputs
13, 12, 11,
10, 9, 15, 14
a to g
7-Segment Outputs
3LT
Lamp Test Input
4BL
Blanking Input
5
LE/STROBE
Latch Enable or Strobe
Input
8
VSS
Negative Supply Voltage
16
VDD
Positive Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13