Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCF4511B Fiches technique(PDF) 11 Page - STMicroelectronics

No de pièce HCF4511B
Description  BCD TO SEVEN SEGMENT LATCH/DECODER/DRIVER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4511B Fiches technique(HTML) 11 Page - STMicroelectronics

Back Button HCF4511B Datasheet HTML 5Page - STMicroelectronics HCF4511B Datasheet HTML 6Page - STMicroelectronics HCF4511B Datasheet HTML 7Page - STMicroelectronics HCF4511B Datasheet HTML 8Page - STMicroelectronics HCF4511B Datasheet HTML 9Page - STMicroelectronics HCF4511B Datasheet HTML 10Page - STMicroelectronics HCF4511B Datasheet HTML 11Page - STMicroelectronics HCF4511B Datasheet HTML 12Page - STMicroelectronics HCF4511B Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
HCF4511B
11/13
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
a1
0.51
0.020
B
0.77
1.65
0.030
0.065
b
0.5
0.020
b1
0.25
0.010
D
20
0.787
E
8.5
0.335
e
2.54
0.100
e3
17.78
0.700
F
7.1
0.280
I
5.1
0.201
L
3.3
0.130
Z
1.27
0.050
Plastic DIP-16 (0.25) MECHANICAL DATA
P001C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13