| Moteur de recherche de fiches techniques de composants électroniques |
|
74LS574 Fiches technique(PDF) 1 Page - SYC Electronica |
|
|
|||||||||||||||||||||||||||||
74LS574 Fiches technique(HTML) 1 Page - SYC Electronica |
|
1 / 6 page ![]() 74LS574 Octal D-Type Flip-Flop with 3-STATE Outputs General Description The DM74LS574 is a high speed low power octal flip-flop with a buffered common Clock (CP) and a buffered com- mon Output Enable (OE). The information presented to the D inputs is stored in the flip-flops on the LOW-to-HIGH Clock (CP) transition. This device is functionally identical to the DM74LS374 except for the pinouts. Ordering Code: Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code. Logic Symbol VCC = Pin 20 GND = Pin 10 Connection Diagram Truth Table H = HIGH Voltage Level L = LOW Voltage Level X = Immaterial Z = High Impedance = HIGH-to-LOW Clock (CP) transition Order Number Package Number Package Description DM74LS574WM M20B 20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300 Wide DM74LS574N N20A 20-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300 Wide Inputs Outputs Dn CP OE On H LH L LL XX H Z www.sycelectronica.com.ar |
Numéro de pièce similaire - 74LS574 |
|
Description similaire - 74LS574 |