Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74LS574 Fiches technique(PDF) 2 Page - SYC Electronica

No de pièce 74LS574
Description  Octal D-Type Flip-Flop with 3-STATE Outputs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SYC [SYC Electronica]
Site Internet  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

74LS574 Fiches technique(HTML) 2 Page - SYC Electronica

  74LS574 Datasheet HTML 1Page - SYC Electronica 74LS574 Datasheet HTML 2Page - SYC Electronica 74LS574 Datasheet HTML 3Page - SYC Electronica 74LS574 Datasheet HTML 4Page - SYC Electronica 74LS574 Datasheet HTML 5Page - SYC Electronica 74LS574 Datasheet HTML 6Page - SYC Electronica  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Functional Description
The DM74LS574 consists of eight edge-triggered flip-flops
with individual D-type inputs and 3-STATE true outputs.
The buffered clock and buffered Outputs Enable are com-
mon to all flip-flops. The eight flip-flops will store the state
of their individual D inputs that meet the setup and hold
times requirements on the LOW-to-HIGH Clock (CP) tran-
sition. With the Output Enable (OE) LOW, the contents of
the eight flip-flops are available at the outputs. When the
OE is HIGH, the outputs go to the high impedance state.
Operation of the OE input does not affect the state of the
flip-flops.
Logic Diagram
www.sycelectronica.com.ar



Html Pages

1 2 3 4 5 6