Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SC14X22X5 Fiches technique(PDF) 9 Page - France Joint

No de pièce SC14X22X5
Description  STANDARD SHAFT SEALS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FRANCEJOINT [France Joint]
Site Internet  https://www.francejoint.com/en/
Logo FRANCEJOINT - France Joint

SC14X22X5 Fiches technique(HTML) 9 Page - France Joint

Back Button SC14X22X5 Datasheet HTML 5Page - France Joint SC14X22X5 Datasheet HTML 6Page - France Joint SC14X22X5 Datasheet HTML 7Page - France Joint SC14X22X5 Datasheet HTML 8Page - France Joint SC14X22X5 Datasheet HTML 9Page - France Joint SC14X22X5 Datasheet HTML 10Page - France Joint SC14X22X5 Datasheet HTML 11Page - France Joint SC14X22X5 Datasheet HTML 12Page - France Joint SC14X22X5 Datasheet HTML 13Page - France Joint  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Part number
Shaft
diameter
Ød1 h11
Bore
diameter
ØD1 H8
Seal
height
H1
SC 30 x 52 x 7
30.00
52.00
7.00
SC 30 x 52 x 8
30.00
52.00
8.00
SC 30 x 52 x 10
30.00
52.00
10.00
SC 30 x 55 x 7
30.00
55.00
7.00
SC 30 x 55 x 10
30.00
55.00
10.00
SC 30 x 56 x 10
30.00
56.00
10.00
SC 30 x 56 x 12
30.00
56.00
12.00
SC 30 x 60 x 10
30.00
60.00
10.00
SC 30 x 62 x 7
30.00
62.00
7.00
SC 30 x 62 x 10
30.00
62.00
10.00
SC 30 x 62 x 12
30.00
62.00
12.00
SC 30 x 72 x 6
30.00
72.00
6.00
SC 30 x 72 x 10
30.00
72.00
10.00
SC 31 x 42 x 8
31.00
42.00
8.00
SC 31 x 43 x 5.6
31.00
43.00
5.60
SC 31 x 45 x 6
31.00
45.00
6.00
SC 31 x 45 x 7
31.00
45.00
7.00
SC 31 x 47 x 7
31.00
47.00
7.00
SC 31 x 50 x 8
31.00
50.00
8.00
SC 32 x 40 x 7
32.00
40.00
7.00
SC 32 x 42 x 7
32.00
42.00
7.00
SC 32 x 44 x 10
32.00
44.00
10.00
SC 32 x 45 x 5
32.00
45.00
5.00
SC 32 x 45 x 6
32.00
45.00
6.00
SC 32 x 45 x 7
32.00
45.00
7.00
SC 32 x 45 x 8
32.00
45.00
8.00
SC 32 x 45 x 10
32.00
45.00
10.00
SC 32 x 46 x 7
32.00
46.00
7.00
SC 32 x 47 x 7
32.00
47.00
7.00
SC 32 x 48 x 8
32.00
48.00
8.00
SC 32 x 50 x 8
32.00
50.00
8.00
SC 32 x 52 x 5
32.00
52.00
5.00
SC 32 x 52 x 7
32.00
52.00
7.00
SC 32 x 52 x 10
32.00
52.00
10.00
SC 32 x 62 x 6
32.00
62.00
6.00
SC 32 x 72 x 10
32.00
72.00
10.00
SC 33 x 45 x 7
33.00
45.00
7.00
SC 33 x 50 x 6
33.00
50.00
6.00
SC 33 x 50 x 10
33.00
50.00
10.00
SC 33 x 52 x 6
33.00
52.00
6.00
SC 33 x 52 x 8
33.00
52.00
8.00
SC 33 x 54 x 6.5
33.00
54.00
6.50
SC 33 x 66 x 12
33.00
66.00
12.00
SC 34 x 48 x 7.5
34.00
48.00
7.50
SC 34 x 52 x 7.5
34.00
52.00
7.50
SC 34 x 52 x 8
34.00
52.00
8.00
SC 34 x 62 x 10
34.00
62.00
10.00
SC 35 x 42 x 4
35.00
42.00
4.00
SC 35 x 44 x 4
35.00
44.00
4.00
SC 35 x 45 x 4
35.00
45.00
4.00
SC 35 x 45 x 5
35.00
45.00
5.00
SC 35 x 45 x 6
35.00
45.00
6.00
SC 35 x 45 x 7
35.00
45.00
7.00
SC 35 x 46 x 7
35.00
46.00
7.00
SC 35 x 47 x 5
35.00
47.00
5.00
SC 35 x 47 x 7
35.00
47.00
7.00
SC 35 x 47 x 9
35.00
47.00
9.00
SC 35 x 47 x 10
35.00
47.00
10.00
SC 35 x 50 x 5
35.00
50.00
5.00
SC 35 x 50 x 7
35.00
50.00
7.00
SC 35 x 50 x 8
35.00
50.00
8.00
SC 35 x 50 x 10
35.00
50.00
10.00
Part number
Shaft
diameter
Ød1 h11
Bore
diameter
ØD1 H8
Seal
height
H1
SC 35 x 50 x 12
35.00
50.00
12.00
SC 35 x 52 x 6
35.00
52.00
6.00
SC 35 x 52 x 7
35.00
52.00
7.00
SC 35 x 52 x 8
35.00
52.00
8.00
SC 35 x 52 x 10
35.00
52.00
10.00
SC 35 x 53 x 7
35.00
53.00
7.00
SC 35 x 55 x 8
35.00
55.00
8.00
SC 35 x 55 x 10
35.00
55.00
10.00
SC 35 x 56 x 8
35.00
56.00
8.00
SC 35 x 56 x 10
35.00
56.00
10.00
SC 35 x 56 x 12
35.00
56.00
12.00
SC 35 x 57 x 6
35.00
57.00
6.00
SC 35 x 58 x 9
35.00
58.00
9.00
SC 35 x 58 x 10
35.00
58.00
10.00
SC 35 x 60 x 8
35.00
60.00
8.00
SC 35 x 60 x 10
35.00
60.00
10.00
SC 35 x 62 x 7
35.00
62.00
7.00
SC 35 x 62 x 8
35.00
62.00
8.00
SC 35 x 62 x 10
35.00
62.00
10.00
SC 35 x 65 x 10
35.00
65.00
10.00
SC 35 x 68 x 6
35.00
68.00
6.00
SC 35 x 68 x 8
35.00
68.00
8.00
SC 35 x 68 x 10
35.00
68.00
10.00
SC 35 x 68 x 12
35.00
68.00
12.00
SC 35 x 72 x 7
35.00
72.00
7.00
SC 35 x 72 x 10
35.00
72.00
10.00
SC 35 x 72 x 12
35.00
72.00
12.00
SC 35 x 80 x 8
35.00
80.00
8.00
SC 35 x 80 x 10
35.00
80.00
10.00
SC 35 x 80 x 12
35.00
80.00
12.00
SC 35 x 80 x 13
35.00
80.00
13.00
SC 35 x 82 x 6
35.00
82.00
6.00
SC 36 x 47 x 7
36.00
47.00
7.00
SC 36 x 50 x 7
36.00
50.00
7.00
SC 36 x 52 x 6.3
36.00
52.00
6.30
SC 36 x 52 x 7
36.00
52.00
7.00
SC 36 x 54 x 7
36.00
54.00
7.00
SC 36 x 54 x 7.5
36.00
54.00
7.50
SC 36 x 54 x 8
36.00
54.00
8.00
SC 36 x 56 x 10
36.00
56.00
10.00
SC 36 x 58 x 10
36.00
58.00
10.00
SC 36 x 62 x 7
36.00
62.00
7.00
SC 36 x 68 x 10
36.00
68.00
10.00
SC 36 x 83 x 12
36.00
83.00
12.00
SC 37 x 50 x 7
37.00
50.00
7.00
SC 37 x 52 x 7
37.00
52.00
7.00
SC 37 x 52 x 8
37.00
52.00
8.00
SC 37 x 56 x 9
37.00
56.00
9.00
SC 37 x 62 x 8
37.00
62.00
8.00
SC 37 x 62 x 10
37.00
62.00
10.00
SC 37 x 80 x 10
37.00
80.00
10.00
SC 37 x 80 x 12
37.00
80.00
12.00
SC 37 x 80 x 13
37.00
80.00
13.00
SC 38 x 47 x 10
38.00
47.00
10.00
SC 38 x 50 x 6
38.00
50.00
6.00
SC 38 x 50 x 7
38.00
50.00
7.00
SC 38 x 50 x 8
38.00
50.00
8.00
SC 38 x 52 x 7
38.00
52.00
7.00
SC 38 x 52 x 8
38.00
52.00
8.00
SC 38 x 52 x 10
38.00
52.00
10.00
SC 38 x 53 x 7
38.00
53.00
7.00
SC 38 x 54 x 10
38.00
54.00
10.00
ROTARY SEALS | STANDARD SHAFT SEALS |
SC
ROTARY SEALS | STANDARD SHAFT SEALS |
SC
www.francejoint.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13