| Moteur de recherche de fiches techniques de composants électroniques |
|
SC14X22X5 Fiches technique(PDF) 13 Page - France Joint |
|
|
|||||||||||||||||||||||||||||
SC14X22X5 Fiches technique(HTML) 13 Page - France Joint |
|
13 / 13 page ![]() Part number Shaft diameter Ød1 h11 Bore diameter ØD1 H8 Seal height H1 SC 95 x 145 x 10 95.00 145.00 10.00 SC 98 x 120 x 13 98.00 120.00 13.00 SC 100 x 110 x 10 100.00 110.00 10.00 SC 100 x 120 x 7.5 100.00 120.00 7.50 SC 100 x 120 x 10 100.00 120.00 10.00 SC 100 x 120 x 11 100.00 120.00 11.00 SC 100 x 120 x 12 100.00 120.00 12.00 SC 100 x 120 x 13 100.00 120.00 13.00 SC 100 x 125 x 12 100.00 125.00 12.00 SC 100 x 130 x 12 100.00 130.00 12.00 SC 100 x 135 x 14 100.00 135.00 14.00 SC 100 x 140 x 12 100.00 140.00 12.00 SC 100 x 140 x 13 100.00 140.00 13.00 SC 100 x 150 x 12 100.00 150.00 12.00 SC 100 x 150 x 13 100.00 150.00 13.00 SC 105 x 120 x 13 105.00 120.00 13.00 SC 105 x 125 x 13 105.00 125.00 13.00 SC 105 x 130 x 12 105.00 130.00 12.00 SC 105 x 135 x 16 105.00 135.00 16.00 SC 105 x 140 x 12 105.00 140.00 12.00 SC 105 x 140 x 14 105.00 140.00 14.00 SC 105 x 150 x 15 105.00 150.00 15.00 SC 105 x 160 x 12 105.00 160.00 12.00 SC 110 x 130 x 10 110.00 130.00 10.00 SC 110 x 130 x 12 110.00 130.00 12.00 SC 110 x 130 x 13 110.00 130.00 13.00 SC 110 x 135 x 12 110.00 135.00 12.00 SC 110 x 140 x 12 110.00 140.00 12.00 SC 110 x 150 x 13 110.00 150.00 13.00 SC 115 x 130 x 12 115.00 130.00 12.00 SC 115 x 135 x 10 115.00 135.00 10.00 SC 115 x 135 x 13 115.00 135.00 13.00 SC 115 x 140 x 12 115.00 140.00 12.00 SC 115 x 140 x 13 115.00 140.00 13.00 SC 115 x 150 x 12 115.00 150.00 12.00 SC 118 x 140 x 13 118.00 140.00 13.00 SC 120 x 140 x 10 120.00 140.00 10.00 SC 120 x 140 x 13 120.00 140.00 13.00 SC 120 x 150 x 12 120.00 150.00 12.00 SC 120 x 150 x 13 120.00 150.00 13.00 SC 120 x 160 x 12 120.00 160.00 12.00 SC 120 x 160 x 13 120.00 160.00 13.00 SC 125 x 150 x 12 125.00 150.00 12.00 SC 125 x 150 x 13 125.00 150.00 13.00 SC 125 x 160 x 12 125.00 160.00 12.00 SC 125 x 160 x 13 125.00 160.00 13.00 SC 125 x 160 x 16 125.00 160.00 16.00 SC 130 x 155 x 10 130.00 155.00 10.00 SC 130 x 160 x 12 130.00 160.00 12.00 SC 130 x 170 x 12 130.00 170.00 12.00 SC 130 x 182 x 16 130.00 182.00 16.00 SC 130 x 200 x 15 130.00 200.00 15.00 SC 135 x 160 x 12 135.00 160.00 12.00 SC 135 x 160 x 13 135.00 160.00 13.00 SC 135 x 160 x 15 135.00 160.00 15.00 SC 135 x 170 x 12 135.00 170.00 12.00 SC 135 x 170 x 15 135.00 170.00 15.00 SC 140 x 160 x 12 140.00 160.00 12.00 SC 140 x 170 x 12 140.00 170.00 12.00 SC 140 x 170 x 15 140.00 170.00 15.00 SC 140 x 180 x 10 140.00 180.00 10.00 SC 140 x 180 x 12 140.00 180.00 12.00 Part number Shaft diameter Ød1 h11 Bore diameter ØD1 H8 Seal height H1 SC 140 x 215 x 12 140.00 215.00 12.00 SC 143 x 165 x 10 143.00 165.00 10.00 SC 144 x 160 x 12 144.00 160.00 12.00 SC 145 x 170 x 15 145.00 170.00 15.00 SC 145 x 175 x 13 145.00 175.00 13.00 SC 145 x 175 x 15 145.00 175.00 15.00 SC 150 x 170 x 12 150.00 170.00 12.00 SC 150 x 172 x 15 150.00 172.00 15.00 SC 150 x 180 x 12 150.00 180.00 12.00 SC 150 x 180 x 13 150.00 180.00 13.00 SC 150 x 180 x 15 150.00 180.00 15.00 SC 150 x 200 x 10 150.00 200.00 10.00 SC 150 x 225 x 15 150.00 225.00 15.00 SC 155 x 175 x 12 155.00 175.00 12.00 SC 155 x 180 x 15 155.00 180.00 15.00 SC 155 x 190 x 15 155.00 190.00 15.00 SC 160 x 185 x 10 160.00 185.00 10.00 SC 160 x 185 x 12 160.00 185.00 12.00 SC 160 x 190 x 13 160.00 190.00 13.00 SC 160 x 190 x 15 160.00 190.00 15.00 SC 160 x 200 x 12 160.00 200.00 12.00 SC 160 x 220 x 12 160.00 220.00 12.00 SC 165 x 180 x 8 165.00 180.00 8.00 SC 165 x 190 x 13 165.00 190.00 13.00 SC 170 x 190 x 7 170.00 190.00 7.00 SC 170 x 190 x 15 170.00 190.00 15.00 SC 170 x 200 x 12 170.00 200.00 12.00 SC 170 x 200 x 15 170.00 200.00 15.00 SC 170 x 210 x 15 170.00 210.00 15.00 SC 175 x 200 x 15 175.00 200.00 15.00 SC 175 x 210 x 15 175.00 210.00 15.00 SC 180 x 200 x 7 180.00 200.00 7.00 SC 180 x 200 x 15 180.00 200.00 15.00 SC 180 x 210 x 12.5 180.00 210.00 12.50 SC 180 x 220 x 15 180.00 220.00 15.00 SC 185 x 210 x 13 185.00 210.00 13.00 SC 186 x 203 x 8 186.00 203.00 8.00 SC 190 x 215 x 16 190.00 215.00 16.00 SC 190 x 220 x 15 190.00 220.00 15.00 SC 193 x 210 x 8 193.00 210.00 8.00 SC 200 x 225 x 15 200.00 225.00 15.00 SC 200 x 230 x 15 200.00 230.00 15.00 SC 200 x 230 x 16 200.00 230.00 16.00 SC 200 x 250 x 15 200.00 250.00 15.00 SC 205 x 230 x 16 205.00 230.00 16.00 SC 210 x 240 x 15 210.00 240.00 15.00 SC 210 x 250 x 15 210.00 250.00 15.00 SC 215 x 240 x 12 215.00 240.00 12.00 SC 230 x 260 x 15 230.00 260.00 15.00 SC 240 x 270 x 15 240.00 270.00 15.00 SC 240 x 280 x 15 240.00 280.00 15.00 SC 250 x 280 x 15 250.00 280.00 15.00 SC 260 x 290 x 15 260.00 290.00 15.00 SC 260 x 300 x 20 260.00 300.00 20.00 SC 280 x 310 x 15 280.00 310.00 15.00 SC 300 x 340 x 18 300.00 340.00 18.00 SC 320 x 360 x 20 320.00 360.00 20.00 SC 340 x 380 x 18 340.00 380.00 18.00 SC 360 x 400 x 20 360.00 400.00 20.00 SC 380 x 420 x 20 380.00 420.00 20.00 SC 400 x 425 x 15 400.00 425.00 15.00 SC 430 x 480 x 30 430.00 480.00 30.00 ROTARY SEALS | STANDARD SHAFT SEALS | SC ROTARY SEALS | STANDARD SHAFT SEALS | SC FRANCE JOINT SAS Zone Artisanale Le Mortier - B.P. 50009 - Cugand - 85613 Montaigu Cedex - France Ph. +33 (0)2 51 42 13 76 - Fax +33 (0)2 51 43 61 14 - Email: contact@francejoint.fr - Website: www.francejoint.com |