Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SC14X22X4 Fiches technique(PDF) 10 Page - France Joint

No de pièce SC14X22X4
Description  STANDARD SHAFT SEALS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FRANCEJOINT [France Joint]
Site Internet  https://www.francejoint.com/en/
Logo FRANCEJOINT - France Joint

SC14X22X4 Fiches technique(HTML) 10 Page - France Joint

Back Button SC14X22X4 Datasheet HTML 5Page - France Joint SC14X22X4 Datasheet HTML 6Page - France Joint SC14X22X4 Datasheet HTML 7Page - France Joint SC14X22X4 Datasheet HTML 8Page - France Joint SC14X22X4 Datasheet HTML 9Page - France Joint SC14X22X4 Datasheet HTML 10Page - France Joint SC14X22X4 Datasheet HTML 11Page - France Joint SC14X22X4 Datasheet HTML 12Page - France Joint SC14X22X4 Datasheet HTML 13Page - France Joint  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Part number
Shaft
diameter
Ød1 h11
Bore
diameter
ØD1 H8
Seal
height
H1
SC 38 x 55 x 6
38.00
55.00
6.00
SC 38 x 55 x 7
38.00
55.00
7.00
SC 38 x 55 x 10
38.00
55.00
10.00
SC 38 x 56 x 10
38.00
56.00
10.00
SC 38 x 62 x 7
38.00
62.00
7.00
SC 38 x 62 x 8
38.00
62.00
8.00
SC 38 x 62 x 10
38.00
62.00
10.00
SC 38 x 62 x 11
38.00
62.00
11.00
SC 38 x 65 x 8
38.00
65.00
8.00
SC 38 x 74 x 10
38.00
74.00
10.00
SC 39 x 51 x 7.5
39.00
51.00
7.50
SC 39 x 65 x 9
39.00
65.00
9.00
SC 40 x 50 x 7
40.00
50.00
7.00
SC 40 x 50 x 8
40.00
50.00
8.00
SC 40 x 50 x 10
40.00
50.00
10.00
SC 40 x 52 x 6
40.00
52.00
6.00
SC 40 x 52 x 6.5
40.00
52.00
6.50
SC 40 x 52 x 7
40.00
52.00
7.00
SC 40 x 55 x 6
40.00
55.00
6.00
SC 40 x 55 x 7
40.00
55.00
7.00
SC 40 x 55 x 8
40.00
55.00
8.00
SC 40 x 55 x 10
40.00
55.00
10.00
SC 40 x 56 x 7
40.00
56.00
7.00
SC 40 x 56 x 8
40.00
56.00
8.00
SC 40 x 56 x 12
40.00
56.00
12.00
SC 40 x 58 x 6
40.00
58.00
6.00
SC 40 x 58 x 8
40.00
58.00
8.00
SC 40 x 58 x 9
40.00
58.00
9.00
SC 40 x 58 x 10
40.00
58.00
10.00
SC 40 x 58 x 12
40.00
58.00
12.00
SC 40 x 60 x 5.5
40.00
60.00
5.50
SC 40 x 60 x 7
40.00
60.00
7.00
SC 40 x 60 x 8
40.00
60.00
8.00
SC 40 x 60 x 10
40.00
60.00
10.00
SC 40 x 60 x 12
40.00
60.00
12.00
SC 40 x 62 x 7
40.00
62.00
7.00
SC 40 x 62 x 8
40.00
62.00
8.00
SC 40 x 62 x 10
40.00
62.00
10.00
SC 40 x 62 x 11.5
40.00
62.00
11.50
SC 40 x 62 x 12
40.00
62.00
12.00
SC 40 x 65 x 10
40.00
65.00
10.00
SC 40 x 68 x 7
40.00
68.00
7.00
SC 40 x 68 x 8
40.00
68.00
8.00
SC 40 x 68 x 10
40.00
68.00
10.00
SC 40 x 68 x 12
40.00
68.00
12.00
SC 40 x 70 x 10
40.00
70.00
10.00
SC 40 x 72 x 7
40.00
72.00
7.00
SC 40 x 72 x 10
40.00
72.00
10.00
SC 40 x 75 x 7
40.00
75.00
7.00
SC 40 x 80 x 7
40.00
80.00
7.00
SC 40 x 80 x 8
40.00
80.00
8.00
SC 40 x 80 x 10
40.00
80.00
10.00
SC 40 x 80 x 13
40.00
80.00
13.00
SC 40 x 85 x 10
40.00
85.00
10.00
SC 40 x 88 x 6
40.00
88.00
6.00
SC 40 x 90 x 8
40.00
90.00
8.00
SC 40 x 90 x 10
40.00
90.00
10.00
SC 40 x 90 x 12
40.00
90.00
12.00
SC 41 x 56 x 7
41.00
56.00
7.00
SC 42 x 52 x 7
42.00
52.00
7.00
SC 42 x 52 x 10
42.00
52.00
10.00
SC 42 x 55 x 7
42.00
55.00
7.00
Part number
Shaft
diameter
Ød1 h11
Bore
diameter
ØD1 H8
Seal
height
H1
SC 42 x 55 x 8
42.00
55.00
8.00
SC 42 x 56 x 7
42.00
56.00
7.00
SC 42 x 58 x 10
42.00
58.00
10.00
SC 42 x 59 x 7.7
42.00
59.00
7.70
SC 42 x 60 x 10
42.00
60.00
10.00
SC 42 x 60 x 12
42.00
60.00
12.00
SC 42 x 62 x 6
42.00
62.00
6.00
SC 42 x 62 x 7
42.00
62.00
7.00
SC 42 x 62 x 8
42.00
62.00
8.00
SC 42 x 62 x 10
42.00
62.00
10.00
SC 42 x 64 x 7
42.00
64.00
7.00
SC 42 x 65 x 8
42.00
65.00
8.00
SC 42 x 65 x 10
42.00
65.00
10.00
SC 42 x 72 x 8
42.00
72.00
8.00
SC 42 x 72 x 10
42.00
72.00
10.00
SC 42 x 85 x 8
42.00
85.00
8.00
SC 43 x 53 x 5
43.00
53.00
5.00
SC 43 x 54 x 7.5
43.00
54.00
7.50
SC 43 x 55 x 7
43.00
55.00
7.00
SC 43 x 55 x 8
43.00
55.00
8.00
SC 43 x 60 x 10
43.00
60.00
10.00
SC 43 x 62 x 8
43.00
62.00
8.00
SC 43 x 75 x 10
43.00
75.00
10.00
SC 44 x 54 x 5
44.00
54.00
5.00
SC 44 x 59 x 6.8
44.00
59.00
6.80
SC 44 x 60 x 8
44.00
60.00
8.00
SC 44 x 60 x 10
44.00
60.00
10.00
SC 44 x 62 x 10
44.00
62.00
10.00
SC 44 x 65 x 10
44.00
65.00
10.00
SC 44 x 68 x 8
44.00
68.00
8.00
SC 44 x 72 x 8
44.00
72.00
8.00
SC 44 x 72 x 10
44.00
72.00
10.00
SC 45 x 55 x 4
45.00
55.00
4.00
SC 45 x 55 x 7
45.00
55.00
7.00
SC 45 x 56 x 6
45.00
56.00
6.00
SC 45 x 58 x 8
45.00
58.00
8.00
SC 45 x 60 x 7
45.00
60.00
7.00
SC 45 x 60 x 8
45.00
60.00
8.00
SC 45 x 60 x 10
45.00
60.00
10.00
SC 45 x 62 x 6
45.00
62.00
6.00
SC 45 x 62 x 7
45.00
62.00
7.00
SC 45 x 62 x 8
45.00
62.00
8.00
SC 45 x 62 x 9
45.00
62.00
9.00
SC 45 x 62 x 10
45.00
62.00
10.00
SC 45 x 65 x 7
45.00
65.00
7.00
SC 45 x 65 x 8
45.00
65.00
8.00
SC 45 x 65 x 10
45.00
65.00
10.00
SC 45 x 68 x 8
45.00
68.00
8.00
SC 45 x 68 x 10
45.00
68.00
10.00
SC 45 x 70 x 7
45.00
70.00
7.00
SC 45 x 70 x 8
45.00
70.00
8.00
SC 45 x 70 x 10
45.00
70.00
10.00
SC 45 x 72 x 8
45.00
72.00
8.00
SC 45 x 72 x 10
45.00
72.00
10.00
SC 45 x 72 x 12
45.00
72.00
12.00
SC 45 x 75 x 8
45.00
75.00
8.00
SC 45 x 75 x 10
45.00
75.00
10.00
SC 45 x 80 x 10
45.00
80.00
10.00
SC 45 x 80 x 13
45.00
80.00
13.00
SC 45 x 85 x 10
45.00
85.00
10.00
SC 45 x 90 x 10
45.00
90.00
10.00
SC 45 x 93 x 6
45.00
93.00
6.00
ROTARY SEALS | STANDARD SHAFT SEALS |
SC
ROTARY SEALS | STANDARD SHAFT SEALS |
SC
www.francejoint.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13