Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SC14X22X4 Fiches technique(PDF) 6 Page - France Joint

No de pièce SC14X22X4
Description  STANDARD SHAFT SEALS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FRANCEJOINT [France Joint]
Site Internet  https://www.francejoint.com/en/
Logo FRANCEJOINT - France Joint

SC14X22X4 Fiches technique(HTML) 6 Page - France Joint

Back Button SC14X22X4 Datasheet HTML 2Page - France Joint SC14X22X4 Datasheet HTML 3Page - France Joint SC14X22X4 Datasheet HTML 4Page - France Joint SC14X22X4 Datasheet HTML 5Page - France Joint SC14X22X4 Datasheet HTML 6Page - France Joint SC14X22X4 Datasheet HTML 7Page - France Joint SC14X22X4 Datasheet HTML 8Page - France Joint SC14X22X4 Datasheet HTML 9Page - France Joint SC14X22X4 Datasheet HTML 10Page - France Joint Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Part number
Shaft
diameter
Ød1 h11
Bore
diameter
ØD1 H8
Seal
height
H1
SC 14 x 22 x 7
14.00
22.00
7.00
SC 14 x 24 x 5
14.00
24.00
5.00
SC 14 x 24 x 6
14.00
24.00
6.00
SC 14 x 24 x 7
14.00
24.00
7.00
SC 14 x 24 x 7.6
14.00
24.00
7.60
SC 14 x 24 x 8
14.00
24.00
8.00
SC 14 x 25 x 5
14.00
25.00
5.00
SC 14 x 25 x 6
14.00
25.00
6.00
SC 14 x 26 x 5
14.00
26.00
5.00
SC 14 x 26 x 6
14.00
26.00
6.00
SC 14 x 26 x 7
14.00
26.00
7.00
SC 14 x 26 x 8
14.00
26.00
8.00
SC 14 x 27 x 6
14.00
27.00
6.00
SC 14 x 27 x 7
14.00
27.00
7.00
SC 14 x 28 x 6
14.00
28.00
6.00
SC 14 x 28 x 7
14.00
28.00
7.00
SC 14 x 28 x 10
14.00
28.00
10.00
SC 14 x 30 x 4
14.00
30.00
4.00
SC 14 x 30 x 7
14.00
30.00
7.00
SC 14 x 30 x 8
14.00
30.00
8.00
SC 14 x 32 x 5
14.00
32.00
5.00
SC 14 x 32 x 9
14.00
32.00
9.00
SC 14 x 35 x 4.5
14.00
35.00
4.50
SC 14 x 42 x 6
14.00
42.00
6.00
SC 15 x 21 x 5
15.00
21.00
5.00
SC 15 x 22 x 6
15.00
22.00
6.00
SC 15 x 22 x 7
15.00
22.00
7.00
SC 15 x 24 x 4
15.00
24.00
4.00
SC 15 x 24 x 5
15.00
24.00
5.00
SC 15 x 24 x 7
15.00
24.00
7.00
SC 15 x 25 x 5
15.00
25.00
5.00
SC 15 x 25 x 6
15.00
25.00
6.00
SC 15 x 25 x 7
15.00
25.00
7.00
SC 15 x 25 x 10
15.00
25.00
10.00
SC 15 x 26 x 4
15.00
26.00
4.00
SC 15 x 26 x 5
15.00
26.00
5.00
SC 15 x 26 x 6
15.00
26.00
6.00
SC 15 x 26 x 7
15.00
26.00
7.00
SC 15 x 28 x 4
15.00
28.00
4.00
SC 15 x 28 x 5
15.00
28.00
5.00
SC 15 x 28 x 6
15.00
28.00
6.00
SC 15 x 28 x 7
15.00
28.00
7.00
SC 15 x 30 x 4.5
15.00
30.00
4.50
SC 15 x 30 x 5
15.00
30.00
5.00
SC 15 x 30 x 6
15.00
30.00
6.00
SC 15 x 30 x 7
15.00
30.00
7.00
SC 15 x 30 x 8
15.00
30.00
8.00
SC 15 x 30 x 10
15.00
30.00
10.00
SC 15 x 32 x 7
15.00
32.00
7.00
SC 15 x 33 x 7
15.00
33.00
7.00
SC 15 x 35 x 4
15.00
35.00
4.00
SC 15 x 35 x 5
15.00
35.00
5.00
SC 15 x 35 x 7
15.00
35.00
7.00
SC 15 x 35 x 8
15.00
35.00
8.00
SC 15 x 36 x 6
15.00
36.00
6.00
SC 15 x 40 x 8
15.00
40.00
8.00
SC 15 x 40 x 10
15.00
40.00
10.00
SC 15 x 42 x 7
15.00
42.00
7.00
SC 16 x 22 x 3
16.00
22.00
3.00
SC 16 x 22 x 4
16.00
22.00
4.00
SC 16 x 23 x 6.5
16.00
23.00
6.50
SC 16 x 24 x 4
16.00
24.00
4.00
Part number
Shaft
diameter
Ød1 h11
Bore
diameter
ØD1 H8
Seal
height
H1
SC 16 x 24 x 5
16.00
24.00
5.00
SC 16 x 24 x 6
16.00
24.00
6.00
SC 16 x 24 x 7
16.00
24.00
7.00
SC 16 x 26 x 5
16.00
26.00
5.00
SC 16 x 26 x 7
16.00
26.00
7.00
SC 16 x 27 x 6
16.00
27.00
6.00
SC 16 x 28 x 7
16.00
28.00
7.00
SC 16 x 30 x 4.5
16.00
30.00
4.50
SC 16 x 30 x 5
16.00
30.00
5.00
SC 16 x 30 x 7
16.00
30.00
7.00
SC 16 x 30 x 10
16.00
30.00
10.00
SC 16 x 32 x 7
16.00
32.00
7.00
SC 16 x 35 x 7
16.00
35.00
7.00
SC 16 x 35 x 8
16.00
35.00
8.00
SC 16 x 35 x 10
16.00
35.00
10.00
SC 16 x 38 x 7
16.00
38.00
7.00
SC 16 x 40 x 7
16.00
40.00
7.00
SC 16 x 40 x 8
16.00
40.00
8.00
SC 16 x 40 x 10
16.00
40.00
10.00
SC 17 x 24 x 5
17.00
24.00
5.00
SC 17 x 25 x 4
17.00
25.00
4.00
SC 17 x 25 x 5
17.00
25.00
5.00
SC 17 x 25 x 7
17.00
25.00
7.00
SC 17 x 26 x 6
17.00
26.00
6.00
SC 17 x 27 x 5
17.00
27.00
5.00
SC 17 x 27 x 6
17.00
27.00
6.00
SC 17 x 27 x 7
17.00
27.00
7.00
SC 17 x 28 x 4.5
17.00
28.00
4.50
SC 17 x 28 x 5
17.00
28.00
5.00
SC 17 x 28 x 6
17.00
28.00
6.00
SC 17 x 28 x 7
17.00
28.00
7.00
SC 17 x 28 x 7.3
17.00
28.00
7.30
SC 17 x 29 x 5
17.00
29.00
5.00
SC 17 x 30 x 5
17.00
30.00
5.00
SC 17 x 30 x 6
17.00
30.00
6.00
SC 17 x 30 x 7
17.00
30.00
7.00
SC 17 x 31 x 7
17.00
31.00
7.00
SC 17 x 32 x 5
17.00
32.00
5.00
SC 17 x 32 x 7
17.00
32.00
7.00
SC 17 x 32 x 8
17.00
32.00
8.00
SC 17 x 34 x 7
17.00
34.00
7.00
SC 17 x 35 x 5
17.00
35.00
5.00
SC 17 x 35 x 7
17.00
35.00
7.00
SC 17 x 35 x 8
17.00
35.00
8.00
SC 17 x 37 x 7
17.00
37.00
7.00
SC 17 x 38 x 7
17.00
38.00
7.00
SC 17 x 40 x 6
17.00
40.00
6.00
SC 17 x 40 x 7
17.00
40.00
7.00
SC 17 x 47 x 7
17.00
47.00
7.00
SC 17 x 47 x 10
17.00
47.00
10.00
SC 18 x 24 x 4
18.00
24.00
4.00
SC 18 x 26 x 6
18.00
26.00
6.00
SC 18 x 27 x 5
18.00
27.00
5.00
SC 18 x 28 x 6
18.00
28.00
6.00
SC 18 x 28 x 7
18.00
28.00
7.00
SC 18 x 29 x 5
18.00
29.00
5.00
SC 18 x 30 x 5
18.00
30.00
5.00
SC 18 x 30 x 7
18.00
30.00
7.00
SC 18 x 32 x 7
18.00
32.00
7.00
SC 18 x 35 x 5
18.00
35.00
5.00
SC 18 x 35 x 7
18.00
35.00
7.00
SC 18 x 35 x 10
18.00
35.00
10.00
ROTARY SEALS | STANDARD SHAFT SEALS |
SC
ROTARY SEALS | STANDARD SHAFT SEALS |
SC
www.francejoint.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13