| Moteur de recherche de fiches techniques de composants électroniques |
|
STA5620 Fiches technique(PDF) 19 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA5620 Fiches technique(HTML) 19 Page - STMicroelectronics |
|
19 / 29 page ![]() STA5620 Registers 19/29 7.6 Debug register (sub-circuit enables) Table 11. Debug register (sub-circuit enables) Register address Name Bit Default value MODE = 0 Default value MODE = 1 Description 0x51 VCO XXXX XXX y [0] 1 1 VCO = 0 The VCO block is OFF VCO = 1 The VCO block is ON PLL XXXX XX y X [1] 1 1 PLL = 0 The PLL block is OFF PLL = 1 The PLL block is ON RFA XXXX X y XX [2] 1 1 RFA = 0 The RF Amplifier is OFF RFA = 1 The RF Amplifier is ON MIX XXXX y XXX [3] 1 1 MIX = 0 The Mixer is OFF MIX = 1 The Mixer is ON IF XXX y XXXX [4] 1 1 IF = 0 The IF chain from Polyphase filter to ADC is OFF IF = 1 The IF chain from Polyphase filter to ADC is ON AGC XX y X XXXX [5] 1 1 AGC = 0 The Automatic Gain Control is OFF AGC = 1 The Automatic Gain Control is ON ENM y XXX XXXX [7] 1 1 ENM = 0 The whole chip is OFF except the Xtal Osc and the GPS_CLK and/or XTAL_CLK buffers ENM = 1 RF chain is On (If RFE bit or RF_EN pin = 1) |