Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RHFL4913 Fiches technique(PDF) 11 Page - STMicroelectronics

No de pièce RHFL4913
Description  Rad-Hard Adjustable positive voltage regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHFL4913 Fiches technique(HTML) 11 Page - STMicroelectronics

Back Button RHFL4913 Datasheet HTML 7Page - STMicroelectronics RHFL4913 Datasheet HTML 8Page - STMicroelectronics RHFL4913 Datasheet HTML 9Page - STMicroelectronics RHFL4913 Datasheet HTML 10Page - STMicroelectronics RHFL4913 Datasheet HTML 11Page - STMicroelectronics RHFL4913 Datasheet HTML 12Page - STMicroelectronics RHFL4913 Datasheet HTML 13Page - STMicroelectronics RHFL4913 Datasheet HTML 14Page - STMicroelectronics RHFL4913 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
RHFL4913 ADJUSTABLE VERSION
DIE Information
11/16
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
2.16
2.72
0.085
0.107
b
0.43
0.017
c
0.13
0.005
D
9.91
0.390
E
6.91
0.272
E2
4.32
0.170
E3
0.76
0.030
e
1.27
0.050
L
6.72
0.265
Q
0.66
1.14
0.026
0.045
S1
0.13
0.005
FLAT-16 (MIL-STD-1835) MECHANICAL DATA
7450901A
18
16
e
b
c
L
E
D
S1
Q
A
E2
E3
L
E3
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16