| Moteur de recherche de fiches techniques de composants électroniques |
|
RHFL4913 Fiches technique(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
RHFL4913 Fiches technique(HTML) 1 Page - STMicroelectronics |
|
1 / 16 page ![]() January 2007 Rev. 7 1/16 16 RHFL4913 ADJUSTABLE Rad-Hard Adjustable positive voltage regulator Features ■ 3 Ampere low dropout voltage ■ Embedded overtemperature, overcurrent protections ■ Adjustable overcurrent limitation ■ Output overload monitoring/signalling ■ Adjustable output voltage ■ Inhibit (ON/OFF) TTL Compatible Control ■ Programmable output short circuit current ■ Remote sensing operation ■ RADHARD: Guaranteed up to 300krad in MIL 1019.6 High Dose Rate and 0.01Rad/sec ELDRS Conditions ■ Heavy IONS SEL, SEU Immune. Sustains 2x1014 proton/cm2, And 2x1014 neutron/cm2 Description The RHFL4913 ADJUSTABLE is a high performance Adjustable Positive Voltage Regulator providing exceptional radiation performances, tested in accordance with Mil Std 1019.6 ELDRS conditions. Available in Flat-16 and new SMD5C hermetic ceramic packages and as QmlV-Die, it is specifically intended for Space and harsh radiation environments. Input supply range is up to 12 volts. The RHFL4913 ADJUSTABLE is Qml-V Qualified, DSCC Smd is 5962F02524. www.st.com FLAT-16 SMD5C: 5 connections SMD Block diagram |
Numéro de pièce similaire - RHFL4913 |
|
Description similaire - RHFL4913 |