| Moteur de recherche de fiches techniques de composants électroniques |
|
DA108S Fiches technique(PDF) 4 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
DA108S Fiches technique(HTML) 4 Page - STMicroelectronics |
|
4 / 8 page ![]() Characteristics DA108S1 / DA112S1 4/8 Figure 3. APPLICATION 1: ISDN Interface ProtectionResidual lightning surges at transformer secondary are suppressed by DA108S1 Figure 4. APPLICATION 2: Microcontroller I/O port protection Note: IMPORTANT : DA108S1 must imperatively be connected to the reference voltages by REF1 and REF2. A B A B GND GND TPIxx TPIxx LINE SIDE LOGIC SIDE DA1x S1 x Vcc Vcc Vcc Vcc Vss Vss Vss Vss DA1x S1 x 4-6 bit input port Vcc Vcc Vcc Vcc Vcc I/O I/O I/O I/O μc |