Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DA108S Fiches technique(PDF) 7 Page - STMicroelectronics

No de pièce DA108S
Description  Diode Array
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DA108S Fiches technique(HTML) 7 Page - STMicroelectronics

  DA108S Datasheet HTML 1Page - STMicroelectronics DA108S Datasheet HTML 2Page - STMicroelectronics DA108S Datasheet HTML 3Page - STMicroelectronics DA108S Datasheet HTML 4Page - STMicroelectronics DA108S Datasheet HTML 5Page - STMicroelectronics DA108S Datasheet HTML 6Page - STMicroelectronics DA108S Datasheet HTML 7Page - STMicroelectronics DA108S Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
DA108S1 / DA112S1
Ordering information
7/8
4
Ordering information
5
Revision history
Part number
Marking
Package
Weight
Base qty
Delivery mode
DA108S1
DA108S
SO-8
0.11 g
100
Tube
DA108S1RL
2500
Tape and reel(1)
1.
Preference packaging is tape and reel
DA112S1
DA112S
100
Tube
DA112S1RL
2500
Tape and reel(1)
Date
Revision
Changes
Aug-2001
4
Last release.
15-Feb-2007
5
Reformatted to current standard.
Standard typing error corrected.



Html Pages

1 2 3 4 5 6 7 8