Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SC1485ITSTR Fiches technique(PDF) 20 Page - Semtech Corporation

No de pièce SC1485ITSTR
Description  Dual Synchronous Buck Pseudo Fixed Frequency Power Supply Controller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SEMTECH [Semtech Corporation]
Site Internet  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1485ITSTR Fiches technique(HTML) 20 Page - Semtech Corporation

Back Button SC1485ITSTR Datasheet HTML 16Page - Semtech Corporation SC1485ITSTR Datasheet HTML 17Page - Semtech Corporation SC1485ITSTR Datasheet HTML 18Page - Semtech Corporation SC1485ITSTR Datasheet HTML 19Page - Semtech Corporation SC1485ITSTR Datasheet HTML 20Page - Semtech Corporation SC1485ITSTR Datasheet HTML 21Page - Semtech Corporation SC1485ITSTR Datasheet HTML 22Page - Semtech Corporation SC1485ITSTR Datasheet HTML 23Page - Semtech Corporation SC1485ITSTR Datasheet HTML 24Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 27 page
background image
20
 2005 Semtech Corp.
www.semtech.com
SC1485
POWER MANAGEMENT
Next, looking at the power section, the schematic in Figure 12 below shows the power section and input loop for
OUT2:
C12
2n2/50V
VBAT
L2
VOUT2
+
C17
0402
R12 0R (2)
7343
7343
+
C16
0402
C13
0u1/25V
C14
10u/25V
1210
0603
2u2
220u/25m
220u/25m
S
1
S
2
S
3
G
4
D
5
D
6
D
7
D
8
Q3 IRF7811AV
S
1
S
2
S
3
G
4
D
5
D
6
D
7
D
8
Q4 FDS6676S
Figure 12: Power Section and Input Loop
The schematic has been redrawn to emphasize the input loop. The highest di/dts occur in the input loops and thus
these should be kept as small as possible. The input capacitors should be placed with the highest frequency
capacitors closest to the loop to reduce EMI. Use large copper pours to minimize losses and parasitics. Exactly the
same philosophy applies to the OUT1 power section and input loop. Figure 13 below shows an example of the layout
for the power section using these guidelines.
Figure 13: Power Component Placement and Copper Pours



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27