Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SC1485ITSTR Fiches technique(PDF) 18 Page - Semtech Corporation

No de pièce SC1485ITSTR
Description  Dual Synchronous Buck Pseudo Fixed Frequency Power Supply Controller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SEMTECH [Semtech Corporation]
Site Internet  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1485ITSTR Fiches technique(HTML) 18 Page - Semtech Corporation

Back Button SC1485ITSTR Datasheet HTML 14Page - Semtech Corporation SC1485ITSTR Datasheet HTML 15Page - Semtech Corporation SC1485ITSTR Datasheet HTML 16Page - Semtech Corporation SC1485ITSTR Datasheet HTML 17Page - Semtech Corporation SC1485ITSTR Datasheet HTML 18Page - Semtech Corporation SC1485ITSTR Datasheet HTML 19Page - Semtech Corporation SC1485ITSTR Datasheet HTML 20Page - Semtech Corporation SC1485ITSTR Datasheet HTML 21Page - Semtech Corporation SC1485ITSTR Datasheet HTML 22Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 27 page
background image
18
 2005 Semtech Corp.
www.semtech.com
SC1485
POWER MANAGEMENT
Figure 10: Example VSSA 0.020” Traces
In Figure 10, all components referenced to VSSA1 and VSSA2 have been placed and have been connected using
0.020” traces. Note that there are two separate traces, one for VSSA1 and one for VSSA2. Decoupling capacitors
C9 and C19 are as close as possible to their pins, as are VDDP decoupling capacitors C10 and C20. C10 and C20
should connect to the ground plane using two vias each.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27