Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STCF02 Fiches technique(PDF) 16 Page - STMicroelectronics

No de pièce STCF02
Description  High power white led driver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCF02 Fiches technique(HTML) 16 Page - STMicroelectronics

Back Button STCF02_07 Datasheet HTML 11Page - STMicroelectronics STCF02_07 Datasheet HTML 12Page - STMicroelectronics STCF02_07 Datasheet HTML 13Page - STMicroelectronics STCF02_07 Datasheet HTML 14Page - STMicroelectronics STCF02_07 Datasheet HTML 15Page - STMicroelectronics STCF02_07 Datasheet HTML 16Page - STMicroelectronics STCF02_07 Datasheet HTML 17Page - STMicroelectronics STCF02_07 Datasheet HTML 18Page - STMicroelectronics STCF02_07 Datasheet HTML 19Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
Package mechanical data
STCF02
16/19
7
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK® packages.
These packages have a Lead-free second level interconnect. The category of second level
interconnect is marked on the package and on the inner box label, in compliance with JEDEC
Standard JESD97. The maximum ratings related to soldering conditions are also marked on
the inner box label. ECOPACK is an ST trademark. ECOPACK specifications are available at:
www.st.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19